Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C750IB64 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC16C750IB64
Description  Universal Asynchronous Receiver/Transmitter (UART) with 64-byte FIFO
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C750IB64 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC16C750IB64 Datasheet HTML 4Page - NXP Semiconductors SC16C750IB64 Datasheet HTML 5Page - NXP Semiconductors SC16C750IB64 Datasheet HTML 6Page - NXP Semiconductors SC16C750IB64 Datasheet HTML 7Page - NXP Semiconductors SC16C750IB64 Datasheet HTML 8Page - NXP Semiconductors SC16C750IB64 Datasheet HTML 9Page - NXP Semiconductors SC16C750IB64 Datasheet HTML 10Page - NXP Semiconductors SC16C750IB64 Datasheet HTML 11Page - NXP Semiconductors SC16C750IB64 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Philips Semiconductors
SC16C750
UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
8 of 45
9397 750 11623
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
In sleep mode, XTAL2 is left floating.
TXRDY27
13
O
Transmitter ready. Transmitter DMA signaling is available with TXRDY.
When operating in the FIFO mode, one of two types of DMA signaling can
be selected using FCR[3]. When operating in the 16C450 mode, only DMA
mode 0 is allowed. Mode 0 supports single-transfer DMA in which a transfer
is made between CPU bus cycles. Mode 1 supports multi-transfer DMA in
which multiple transfers are made continuously until the transmit FIFO has
been filled.
VCC
44
40
Power 2.5 V, 3 V or 5 V supply voltage.
VSS
22
8
Power Ground voltage.
IOW, IOW
20, 21
4, 6
I
Write inputs. When either IOW or IOW is active (LOW or HIGH,
respectively) and while the UART is selected, the CPU is allowed to write
control words or data into a selected UART register. Only one of these
inputs is required to transfer data during a write operation; the other input
should be tied to its inactive level (i.e., IOW tied LOW or IOW tied HIGH).
XTAL1
18
1
I
Crystal connection or External clock input.
XTAL2[1]
19
2
O
Crystal connection or the inversion of XTAL1 if XTAL1 is driven.
Table 2:
Pin description…continued
Symbol
Pin
Type
Description
PLCC44 LQFP64


Similar Part No. - SC16C750IB64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C750B PHILIPS-SC16C750B Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C750B NXP-SC16C750B Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C750BIA44 PHILIPS-SC16C750BIA44 Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C750BIA44 NXP-SC16C750BIA44 Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C750BIB64 PHILIPS-SC16C750BIB64 Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
More results

Similar Description - SC16C750IB64

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
NXP Semiconductors
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com