Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2DEP1010NP-180MC-120 Datasheet(PDF) 1 Page - Sumida Corporation

Part # C2DEP1010NP-180MC-120
Description  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

C2DEP1010NP-180MC-120 Datasheet(HTML) 1 Page - Sumida Corporation

  C2DEP1010NP-180MC-120 Datasheet HTML 1Page - Sumida Corporation C2DEP1010NP-180MC-120 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
C2DEP1010
Description
• Ferrite core 2 in 1 construction.
• Magnetically shielded.
• L
×W×H:13.3×11.0 ×10.2 mm Max.
• Product weight: 5.2g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 13.0”diameter reel
• 250pcs per reel
Applications
• Ideally used in LPF of digital amplifiers.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
10.2 Max.
9.0
12.8
1.9
8.0
4.
2
8.
6
14.0
8.0
4.
2
8.
6
14.0
Electrical Characteristics
4.9(5.5)
4.3(5.1)
27.0 (22.0)
22
μH±20%
220
C2DEP1010NP-220MC-120
5.0(5.6)
4.8(5.8)
25.0 (21.0)
18
μH±20%
180
C2DEP1010NP-180MC-120
5.4(6.2)
5.4(6.1)
20.0 (16.0)
15
μH±20%
150
C2DEP1010NP-150MC-120
5.7(6.5)
6.0(7.0)
18.0 (15.0)
12
μH±20%
120
C2DEP1010NP-120MC-120
6.6(7.6)
6.2(7.3)
14.0 (11.0)
10
μH±20%
100
C2DEP1010NP-100MC-120
Temperature rise
Current (A)
※4
Saturation
Current (A)
(at 20
℃) ※3
D.C.R. (m
Ω)
[MAX.](at 20
℃)
(1-2);(4-3)
※2
Inductance(
μH)
(1-2);(4-3)
※1
Stamp
Part Name
※1 Inductance tested at 100kHz.
※2 ( ) are typical Value.
※3 This indicates the value of current when the inductance decreases to 75% of the nominal value.
※4 Temperature rise current: the value of DC current when the temperature rise is △T=40℃(Ta=20℃).


Similar Part No. - C2DEP1010NP-180MC-120

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
C2DEP1010NP-180MC-120 SUMIDA-C2DEP1010NP-180MC-120 Datasheet
206Kb / 3P
   Power Inductor
C2DEP1010NP-180MC-120 SUMIDA-C2DEP1010NP-180MC-120 Datasheet
115Kb / 2P
   SMD Power Inductor
C2DEP1010NP-180MC-120 SUMIDA-C2DEP1010NP-180MC-120 Datasheet
331Kb / 2P
   SMD Power Inductor
More results

Similar Description - C2DEP1010NP-180MC-120

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com