Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB964-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB964-Q1
Description  DS90UB964-Q1 Quad FPD-Link III Deserializer Hub
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UB964-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90UB964-Q1 Datasheet HTML 5Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 6Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 7Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 8Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 9Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 10Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 11Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 12Page - Texas Instruments DS90UB964-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
9
DS90UB964-Q1
www.ti.com
SNLS500 – JULY 2016
Product Folder Links: DS90UB964-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
DC Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
PARAMETER
TEST CONDITIONS
PIN OR
FREQUENCY
MIN
TYP
MAX
UNIT
LPTX DRIVER
VOH
High Level Output
Voltage
IOH = –4 mA
CSI0_D[3:0]P/N,
CSI0_CLKP/N,
CSI1_D[3:0]P/N,
CSI1_CLKP/N
1.1
1.2
1.3
V
VOL
Low Level Output
Voltage
IOL = 4 mA
–50
50
mV
ZOLP
Output impedance(2)
110
Ω
POWER CONSUMPTION
PT
Total Power
Consumption in
Operation Mode
CSI-2 data rate = 1.6 Gbps
4 × FPD-Link III RX inputs
CSI-2 TX = 2 × (4 data lanes + 1 CLK
lane)
<Non-Replicate>
Default registers
1100
mW
SUPPLY CURRENT
IDDT1
DPHY TX Supply
Current (includes load
current)
CSI-2 data rate = 800 Mbps
4 × FPD-Link III RX inputs
CSI-2 TX = 1 data lanes + 1 CLK lane
<Non-Replicate>
Default registers
VDD11
90
275
mA
VDD18
177
240
VDDIO
10
50
CSI-2 data rate = 1.6 Gbps
4 × FPD-Link III RX inputs
CSI-2 TX = 1 data lanes + 1 CLK lane
<Non-Replicate>
Default registers
VDD11
100
280
mA
VDD18
177
240
VDDIO
10
50
IDDT2
DPHY TX Supply
Current (includes load
current)
CSI-2 data rate = 800 Mbps
4 × FPD-Link III RX inputs
CSI-2 TX = 2 × (4 data lanes + 1 CLK
lane)
<Replicate Mode>
Default registers
VDD11
105
285
mA
VDD18
180
240
VDDIO
10
50
CSI-2 data rate = 1.6 Gbps
4 × FPD-Link III RX inputs
CSI-2 TX = 2 × (4 data lanes + 1 CLK
lane)
<Replicate Mode>
Default registers
VDD11
120
380
mA
VDD18
180
240
VDDIO
10
50
IDDZ
Standby Current
PDB = LOW
VDD11
100
mA
VDD18
1
VDDIO
3


Similar Part No. - DS90UB964-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
883Kb / 12P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1_17 Datasheet
883Kb / 12P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR & Other Sensors
DS90UB960-Q1 TI1-DS90UB960-Q1_18 Datasheet
378Kb / 9P
[Old version datasheet]   Quad FPD-Link III Deserializer Hub With Dual MIPI CSI-2 Ports for 2MP/60fps Camera, RADAR and Other Sensors
More results

Similar Description - DS90UB964-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
[Old version datasheet]   Dual FPD-Link III Deserializer
DS90UB662-Q1 TI-DS90UB662-Q1 Datasheet
4Mb / 169P
[Old version datasheet]   DS90UB662-Q1 Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UH948-Q1 TI1-DS90UH948-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB962-Q1 TI1-DS90UB962-Q1 Datasheet
2Mb / 169P
[Old version datasheet]   Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB934-Q1 TI1-DS90UB934-Q1 Datasheet
132Kb / 6P
[Old version datasheet]   12-bit 100 MHz FPD-Link III Deserializer
DS90UB936-Q1 TI1-DS90UB936-Q1 Datasheet
1Mb / 151P
[Old version datasheet]   Dual, 2.5 Gbps, FPD-Link III Deserializer Hub With MIPI CSI-2 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com