Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC4D20NP-102KC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDC4D20NP-102KC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDC4D20NP-102KC Datasheet(HTML) 2 Page - Sumida Corporation

  CDC4D20NP-102KC Datasheet HTML 1Page - Sumida Corporation CDC4D20NP-102KC Datasheet HTML 2Page - Sumida Corporation CDC4D20NP-102KC Datasheet HTML 3Page - Sumida Corporation CDC4D20NP-102KC Datasheet HTML 4Page - Sumida Corporation CDC4D20NP-102KC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDC4D20
Electrical Characteristics
※1. Inductance measuring condition: at 1 kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 90% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
34
40
72.1(60.0)
4.7mH
±10%
CDC4D20NP-472KC
38
45
50.9(42.4)
3.9mH
±10%
CDC4D20NP-392KC
40
50
43.7(36.4)
3.3mH
±10%
CDC4D20NP-332KC
45
55
38.9(32.4)
2.7mH
±10%
CDC4D20NP-272KC
50
60
31.6(26.3)
2.2mH
±10%
CDC4D20NP-222KC
55
65
27.1(22.6)
1.8mH
±10%
CDC4D20NP-182KC
55
75
23.8(19.8)
1.5mH
±10%
CDC4D20NP-152KC
65
80
18.6(15.5)
1.2mH
±10%
CDC4D20NP-122KC
70
90
16.2(13.5)
1.0mH
±10%
CDC4D20NP-102KC
75
100
14.1(11.7)
820
μH±10%
CDC4D20NP-821KC
90
110
9.60(8.00)
680
μH±10%
CDC4D20NP-681KC
105
120
8.40(6.99)
560
μH±10%
CDC4D20NP-561KC
110
130
7.30(6.08)
470
μH±10%
CDC4D20NP-471KC
130
140
5.66(4.72)
390
μH±10%
CDC4D20NP-391KC
135
160
5.16(4.30)
330
μH±10%
CDC4D20NP-331KC
160
170
3.66(3.05)
270
μH±10%
CDC4D20NP-271KC
180
190
3.20(2.67)
220
μH±10%
CDC4D20NP-221KC
190
210
2.73(2.28)
180
μH±10%
CDC4D20NP-181KC
195
230
2.61(2.18)
150
μH±10%
CDC4D20NP-151KC
220
250
1.97(1.65)
120
μH±10%
CDC4D20NP-121KC
230
275
1.77 (1.48)
100
μH±10%
CDC4D20NP-101KC
Temperature
Rise Current
(mA)
※3
Saturation
Current
(mA)
※2
D.C.R.(
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
[Within] ※1
Stamp
Part Name


Similar Part No. - CDC4D20NP-102KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDC4D20 SUMIDA-CDC4D20 Datasheet
103Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDC4D20NP-102KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com