Electronic Components Datasheet Search |
|
SN75971B Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN75971B Datasheet(HTML) 5 Page - Texas Instruments |
5 / 15 page SN75971B SCSI DIFFERENTIAL CONVERTER-DATA SLLS322A – NOVEMBER 1999 – REVISED JANUARY 2000 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC (see Note 1) – 0.3 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential bus voltage range (B side) –10 V to 15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single-ended bus voltage range (A side and control inputs) – 0.3 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation (see Note 2) Internally Limited (see Dissipation Rating Table) . . . . . . . . . . Electrostatic discharge (see Note 3): Class 2 A (all pins) 4 kV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2 B (all pins) 400 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 3 A (B-side and GND) 12 kV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 3 B (B-side and GND) 400 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values are with respect to GND. 2. The maximum operating junction temperature is internally limited. Use the dissipation rating table to operate below this temperature. 3. This absolute maximum rating is tested in accordance with MIL-STD-883C, Method 3015.7. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR‡ ABOVE TA = 25°C TA = 70°C POWER RATING DGG 3333 mW 26.7 mW/ °C 2133 mW DL 3709 mW 29.7 mW/ °C 2374 mW ‡ This is the inverse of the traditional junction-to-case thermal resistance (RθJA) for High-K (per JEDEC) PCB installations. recommended operating conditions MIN NOM MAX UNIT Supply voltage, VCC 4.75 5 5.25 V High-level input voltage, VIH A side and control 2 V Low-level input voltage, VIL A side and control 0.8 V Voltage at any bus terminal (separately or common-mode), VO or VI B side 12 –7 V High-level output current, IOH A side –16 mA Low-level output current, IOL A side 16 mA Operating case temperature, TC 0 125 °C Operating free-air temperature, TA 0 70 °C |
Similar Part No. - SN75971B |
|
Similar Description - SN75971B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |