Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75970B2DL Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75970B2DL
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75970B2DL Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75970B2DL Datasheet HTML 5Page - Texas Instruments SN75970B2DL Datasheet HTML 6Page - Texas Instruments SN75970B2DL Datasheet HTML 7Page - Texas Instruments SN75970B2DL Datasheet HTML 8Page - Texas Instruments SN75970B2DL Datasheet HTML 9Page - Texas Instruments SN75970B2DL Datasheet HTML 10Page - Texas Instruments SN75970B2DL Datasheet HTML 11Page - Texas Instruments SN75970B2DL Datasheet HTML 12Page - Texas Instruments SN75970B2DL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SN75970B
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS323A – NOVEMBER 1999 – REVISED JANUARY 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPHL
Delay time, high- to low-level
TIMEOUT
DRVBUS
See Figure 5
200
ns
tPLH
Delay time, low- to high-level
TIMEOUT
DRVBUS
See Figure 5
200
ns
ABSY –
BBSY
±
200
tdis
Disable time
ARST –
BRST
±
See Figure 6
200
ns
ASEL –
BSEL
±
200
ABSY –
BBSY
±
40
ten
Enable time
ARST –
BRST
±
See Figure 6
55
ns
ASEL –
BSEL
±
39
tdis1
Disable time
BRST
±
ARST –
93
ns
tdis2
Disable time
BSEL
±
ASEL –
55
ns
tdis3
Disable time
BBSY
±
ABSY –
60
ns
ten1
Enable time
BRST
±
ARST –
See Figure 7
63
ns
ten2
Enable time
BSEL
±
ASEL –
45
ns
ten3
Enable time
BBSY
±
ABSY –
45
ns
ten4
Enable time
BSEL
±
ASEL –
92
ns
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - SN75970B2DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75970B2DGG TI-SN75970B2DGG Datasheet
323Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
More results

Similar Description - SN75970B2DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75970B TI-SN75970B Datasheet
330Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI-SN75LBC970A Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI1-SN75LBC970A_05 Datasheet
336Kb / 21P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75970B2DGG TI-SN75970B2DGG Datasheet
323Kb / 23P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75971B TI-SN75971B Datasheet
208Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971ADLR TI1-SN75LBC971ADLR Datasheet
202Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75971B TI1-SN75971B_16 Datasheet
203Kb / 15P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC971A TI-SN75LBC971A Datasheet
184Kb / 14P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-DATA
logo
Dallas Semiconductor
DS2108 DALLAS-DS2108 Datasheet
68Kb / 5P
   Differential SCSI Switchable Terminator
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
   Differential SCSI Switchable Terminator
112099
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com