Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEP125MENP-2R0NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP125MENP-2R0NC
Description  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP125MENP-2R0NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP125MENP-2R0NC Datasheet HTML 1Page - Sumida Corporation CDEP125MENP-2R0NC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP125ME
Description
• Metal alloy core construction.
• Magnetically shielded.
• L
×W×H: 12.9×12.9×5.5 mm Max.
• Product weight:3.2 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+85℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 13.0”diameter reel
• 500pcs per reel
Applications
• Ideally used in personal computer CPU
power supply.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 80% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
11.5
16.0
7.5(6.3)
2.9
±25%
2R9N
CDEP125MENP-2R9NC
13.5
20.4
4.9(4.1)
2.0
±25%
2R0N
CDEP125MENP-2R0NC
17.5
25.6
3.1(2.6)
1.2
±25%
1R2N
CDEP125MENP-1R2NC
20.0
32.0
2.0(1.7)
0.7
±25%
0R7N
CDEP125MENP-0R7NC
21.0
40.0
1.2(1.0)
0.3
±25%
0R3N
CDEP125MENP-0R3NC
Temperature
rise current
(A)
※3
Saturation current
(A)
※2
D.C.R. (m
Ω)
[Max.] (Typ.)
(at 20
℃)
Inductance(
μH)
[Within]※1
Stamp
Part No.
MAX.5.5
2.
0.
2
2.
0.
2
7.
0
±
0.
2
2.
0.
2
8.5±0.2
12.5±0.4
12
.5
±
0.
4
2.
3
8.2
13.5
4.
0
10
.0
2.0
3.3
3.
0
3.
0


Similar Part No. - CDEP125MENP-2R0NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP125MENP-2R0N SUMIDA-CDEP125MENP-2R0N Datasheet
138Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDEP125MENP-2R0NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com