Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1024-15J3I Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C1024-15J3I
Description  HIGH SPEED 128K X 8 CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024-15J3I Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

  P4C1024-15J3I Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024-15J3I Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 8 page
background image
P4C1024
Page 9 of 14
Document # SRAM124 REV A
* Military temperature range with MIL-STD-883, Class B compliance.
N/A = Not Available
55
70
85
100
120
Plastic DIP (300 mil)
N/A
N/A
N/A
N/A
N/A
Plastic SOJ (300 mil)
N/A
N/A
N/A
N/A
N/A
Plastic SOJ (400 mil)
N/A
N/A
N/A
N/A
N/A
Plastic DIP (300 mil)
N/A
N/A
N/A
N/A
N/A
Plastic SOJ (300 mil)
N/A
N/A
N/A
N/A
N/A
Plastic SOJ (400 mil)
N/A
N/A
N/A
N/A
N/A
Ceramic DIP (600 mil)
-55C6M
-70C6M
-85C6M
-100C6M
-120C6M
Ceramic DIP (400 mil)
-55C4M
-70C4M
-85C4M
-100C4M
-120C4M
Solder Seal Flatpack
-55FSM
-70FSM
-85FSM
-100FSM
-120FSM
LCC (450 x 550 mil)
-55LM
-70LM
-85LM
-100LM
-120LM
Ceramic SOJ
-55CJM
-70CJM
-85CJM
-100CJM
-120CJM
Ceramic DIP (600 mil)
-55C6MB
-70C6MB
-85C6MB
-100C6MB
-120C6MB
Ceramic DIP (400 mil)
-55C4MB
-70C4MB
-85C4MB
-100C4MB
-120C4MB
Solder Seal Flatpack
-55FSMB
-70FSMB
-85FSMB
-100FSMB
-120FSMB
LCC (450 x 550 mil)
-55LMB
-70LMB
-85LMB
-100LMB
-120LMB
Ceramic SOJ
-55CJMB
-70CJMB
-85CJMB
-100CJMB
-120CJMB
Commercial
Speed
Military
Processed*
Military
Temperature
Temperature
Range
Package
Industrial


Similar Part No. - P4C1024-15J3I

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55CWC PYRAMID-P4C1024L55CWC Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55CWI PYRAMID-P4C1024L55CWI Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55PC PYRAMID-P4C1024L55PC Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
P4C1024L55PI PYRAMID-P4C1024L55PI Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
More results

Similar Description - P4C1024-15J3I

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com