Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75177B Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75177B
Description  DIFFERENTIAL BUS REPEATERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75177B Datasheet(HTML) 5 Page - Texas Instruments

  SN75177B_10 Datasheet HTML 1Page - Texas Instruments SN75177B_10 Datasheet HTML 2Page - Texas Instruments SN75177B_10 Datasheet HTML 3Page - Texas Instruments SN75177B_10 Datasheet HTML 4Page - Texas Instruments SN75177B_10 Datasheet HTML 5Page - Texas Instruments SN75177B_10 Datasheet HTML 6Page - Texas Instruments SN75177B_10 Datasheet HTML 7Page - Texas Instruments SN75177B_10 Datasheet HTML 8Page - Texas Instruments SN75177B_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN75177B, SN75178B
DIFFERENTIAL BUS REPEATERS
SLLS002C – D2606, JULY 1985 – REVISED FEBRUARY 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–5
SYMBOL EQUIVALENTS
DATA SHEET PARAMETER
RS-422-A
RS-485
VO
Voa, Vob
Voa, Vob
|VOD1|
Vo
Vo
|VOD2|
Vt (RL = 100 Ω)
Vt (RL = 54 Ω)
|VOD3|
Vt (Test Termination)
Measurement 2)
∆|VOD|
| |Vt| – |Vt||
| |Vt| – |Vt||
VOC
|VOS|
|VOS|
∆|VOC|
|VOS – VOS|
|VOS – VOS|
IOS
|Isa|,|Isb|
IO
|Ixa|,|Ixb|
Iia,Iib
RECEIVER SECTION
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VT+
Positive-going input threshold voltage
VO = 2.7 V,
IO = – 0.4 mA
0.2
V
VT–
Negative-going input threshold voltage
VO = 0.5 V,
IO = 8 mA
– 0.2‡
V
Vhys
Input hysteresis (VT+ – VT–)
50
mV
VIK
Input clamp voltage at EN
II = – 18 mA
– 1.5
V
VOH
High-level output voltage
VID = 200 mV,
See Figure 2
IOH = – 400 µA,
2.7
V
VOL
Low-level output voltage
VID = – 200 mV,
See Figure 2
IOL = 8 mA,
0.45
V
IOZ
High impedance state output current
VO =0 4Vto2 4V
20
µA
IOZ
High-impedance-state output current
VO = 0.4 V to 2.4 V
– 400
µA
II
Line input current
Other input at 0 V,
VI = 12 V
1
mA
II
Line input current
See Note 4
VI = – 7 V
– 0.8
mA
IIH
High-level enable-input current
VIH = 2.7 V
20
µA
IIL
Low-level enable-input current
VIL = 0.4 V
– 200
µA
ri
Input resistance
12
k
IOS
Short-circuit output current
–15
–85
mA
ICC
Supply current (total package)
No load
Outputs enabled
57
70
mA
ICC
Su
ly current (total ackage)
No load
Outputs disabled
26
35
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, where the less-positive (more-negative) limit is designated minimum, is used in this data sheet for common-mode input
voltage and threshold voltage levels only.
NOTE 4: Refer to EIA Standard RS-422 for exact conditions.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high level output
VID = – 1.5 V to 1.5 V,
19
35
ns
tPHL
Propagation delay time, high-to-low level output
ID
,
CL = 15 pF,
See Figure 6
30
40
ns
tPZH
Output enable time to high level
CL =15 pF
See Figure 7
10
20
ns
tPZL
Output enable time to high level
CL = 15 pF,
See Figure 7
12
20
ns
tPHZ
Output disable time from high level
CL =15 pF
See Figure 8
25
35
ns
tPLZ
Output disable time from low level
CL = 15 pF,
See Figure 8
17
25
ns


Similar Part No. - SN75177B_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75177BD TI-SN75177BD Datasheet
165Kb / 11P
[Old version datasheet]   DIFFERENTIAL BUS REPEATERS
SN75177BP TI-SN75177BP Datasheet
165Kb / 11P
[Old version datasheet]   DIFFERENTIAL BUS REPEATERS
More results

Similar Description - SN75177B_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75177B TI-SN75177B Datasheet
165Kb / 11P
[Old version datasheet]   DIFFERENTIAL BUS REPEATERS
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com