Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75154DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75154DR
Description  QUADRUPLE LINE RECEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75154DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75154DR Datasheet HTML 3Page - Texas Instruments SN75154DR Datasheet HTML 4Page - Texas Instruments SN75154DR Datasheet HTML 5Page - Texas Instruments SN75154DR Datasheet HTML 6Page - Texas Instruments SN75154DR Datasheet HTML 7Page - Texas Instruments SN75154DR Datasheet HTML 8Page - Texas Instruments SN75154DR Datasheet HTML 9Page - Texas Instruments SN75154DR Datasheet HTML 10Page - Texas Instruments SN75154DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
VCC1
VCC2
R1
Y
Open
12 V
A
T
Open
5 V
VI
Open
GND
II
Open
VI
II
ri =
Open
GND
Open
5.5 V
T
A
13.2 V
Y
R1
VCC2
VCC1
VI(open)
SN75154
QUADRUPLE LINE RECEIVER
SLLS083B – NOVEMBER 1970 – REVISED MAY 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
dc test circuits(continued)
TEST TABLE
T
VCC1
VCC2
Open
5 V
Open
Open
GND
Open
Open
Open
Open
VCC1
T and 5 V
Open
GND
GND
Open
Open
Open
12 V
Open
Open
GND
VCC1
T
12 V
VCC1
T
GND
VCC1
T
Open
Figure 3. Input Resistance
TEST TABLE
T
VCC1
VCC2
Open
5.5 V
Open
VCC1
5.5 V
Open
Open
Open
13.2 V
VCC1
T
13.2 V
Figure 4. Input Voltage (Open)
VCC1
VCC2
R1
Y
13.2 V
A
T
5.5 V
Open
GND
VCC1
VCC2
R1
Y
A
Open
GND
IOS
–5 V
Open
5.5 V
Open
5 V
Open
ICC1
ICC2
Each output is tested separately.
All four line receivers are tested simultaneously.
Open
Figure 5. Output Short-Circuit Current
Figure 6. Supply Current
† Arrows indicate actual direction of current flow. Current into a terminal is a positive value.


Similar Part No. - SN75154DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75154D TI-SN75154D Datasheet
145Kb / 9P
[Old version datasheet]   QUADRUPLE LINE RECEIVER
More results

Similar Description - SN75154DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75154 TI-SN75154 Datasheet
145Kb / 9P
[Old version datasheet]   QUADRUPLE LINE RECEIVER
AM26C32 TI-AM26C32_09 Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
Hitachi Semiconductor
HD75175 HITACHI-HD75175 Datasheet
45Kb / 9P
   Quadruple Differential Line Receiver
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com