Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75150D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75150D
Description  DUAL LINE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75150D Datasheet(HTML) 3 Page - Texas Instruments

  SN75150D Datasheet HTML 1Page - Texas Instruments SN75150D Datasheet HTML 2Page - Texas Instruments SN75150D Datasheet HTML 3Page - Texas Instruments SN75150D Datasheet HTML 4Page - Texas Instruments SN75150D Datasheet HTML 5Page - Texas Instruments SN75150D Datasheet HTML 6Page - Texas Instruments SN75150D Datasheet HTML 7Page - Texas Instruments SN75150D Datasheet HTML 8Page - Texas Instruments SN75150D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN75150
DUAL LINE DRIVER
SLLS081C – JANUARY 1971 – REVISED JUNE 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC+ (see Note 1)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC–
– 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Applied output voltage
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): D package
197
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
P package
104
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Voltage values are with respect to network ground terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
3. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage
VCC+
10.8
12
13.2
V
Supply voltage
VCC–
– 10.8
–12
– 13.2
V
High-level input voltage, VIH
2
5.5
V
Low-level input voltage, VIL
0
0.8
V
Driver output voltage, VO
±15
V
Operating free-air temperature, TA
0
70
°C


Similar Part No. - SN75150D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75150D TI-SN75150D Datasheet
101Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
More results

Similar Description - SN75150D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75123 TI-SN75123 Datasheet
97Kb / 6P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI1-SN75ALS123_08 Datasheet
79Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75123 TI1-SN75123_14 Datasheet
246Kb / 10P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI-SN75150 Datasheet
101Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
   Dual Line Driver
logo
Texas Instruments
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com