Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75129N Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75129N
Description  EIGHT-CHANNEL LINE RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75129N Datasheet(HTML) 1 Page - Texas Instruments

  SN75129N Datasheet HTML 1Page - Texas Instruments SN75129N Datasheet HTML 2Page - Texas Instruments SN75129N Datasheet HTML 3Page - Texas Instruments SN75129N Datasheet HTML 4Page - Texas Instruments SN75129N Datasheet HTML 5Page - Texas Instruments SN75129N Datasheet HTML 6Page - Texas Instruments SN75129N Datasheet HTML 7Page - Texas Instruments SN75129N Datasheet HTML 8Page - Texas Instruments SN75129N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN75128, SN75129
EIGHT CHANNEL LINE RECEIVERS
SLLS076B − JANUARY 1977 − REVISED MAY 1995
Copyright
1995, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Meets or Exceeds the Requirements of
IBM
 System 360/370 Input/Output
Specification
Input Resistance ...7 kΩ to 20 kΩ
Output Compatible With TTL
Schottky-Clamped Transistors
Operates From a Single 5-V Supply
High Speed... Low Propagation Delay
Ratio Specification ...t
PLH /tPHL
Common Strobe for Each Group of Four
Receivers
SN75128 . . . Active-High Strobes
SN75129 . . . Active-Low Strobes
description
The SN75128 and SN75129 are eight-channel line receivers designed to satisfy the requirements of the
input-output interface specification for IBM 360/370. Both devices feature common strobes for each group of
four devices. The SN75128 has active-high strobes; the SN75129 has active-low strobes. Special low-power
design and Schottky-diode-clamped transistors allow low supply-current requirements while maintaining fast
switching speeds and high-current TTL outputs.
For new IBM 360/370 interface designs, see the SN751730.
The SN75128 and SN75129 are characterized for operation from 0
°C to 70°C.
logic symbols
EN2
EN1
1
11
2
3
4
5
6
7
8
9
1Y
2Y
3Y
4Y
5Y
6Y
7Y
8Y
1S
2S
1A
2A
3A
4A
5A
6A
7A
8A
19
18
17
16
15
14
13
12
SN75128
EN2
EN1
1
11
2
3
4
5
6
7
8
9
1Y
2Y
3Y
4Y
5Y
6Y
7Y
8Y
1S
2S
1A
2A
3A
4A
5A
6A
7A
8A
19
18
17
16
15
14
13
12
SN75129
11
22
† These symbols are in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
1S/1S
1A
2A
3A
4A
5A
6A
7A
8A
GND
VCC
1Y
2Y
3Y
4Y
5Y
6Y
7Y
8Y
2S/2S
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
N PACKAGE
(TOP VIEW)
† S and S for SN75128 and SN75129, respectively
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
IBM is a trademark of International Business Machines Corp.


Similar Part No. - SN75129N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75121 TI-SN75121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121 TI1-SN75121 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121D TI-SN75121D Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121D TI1-SN75121D Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN75121N TI-SN75121N Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
More results

Similar Description - SN75129N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75128 TI1-SN75128 Datasheet
248Kb / 9P
[Old version datasheet]   EIGHT-CHANNEL LINE RECEIVERS
SN75ALS125 TI1-SN75ALS125 Datasheet
82Kb / 5P
[Old version datasheet]   SEVEN-CHANNEL LINE RECEIVERS
SN75ALS127 TI-SN75ALS127 Datasheet
162Kb / 4P
[Old version datasheet]   SEVEN-CHANNEL LINE RECEIVERS
SN75127 TI1-SN75127 Datasheet
109Kb / 7P
[Old version datasheet]   SEVEN-CHANNEL LINE RECEIVERS
logo
Bel Fuse Inc.
940-SP-3088R-W-B25 BEL-940-SP-3088R-W-B25 Datasheet
181Kb / 1P
   Eight Conductor, Eight Position Line Cord Module
940-SP-3088R-A190 BEL-940-SP-3088R-A190 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088-B25 BEL-940-SP-3088-B25 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088 BEL-940-SP-3088 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR, EIGHT POSITION LINE CORD MODULE
940-SP-3088-OB BEL-940-SP-3088-OB Datasheet
184Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088R-031 BEL-940-SP-3088R-031 Datasheet
154Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com