Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75130 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75130
Description  QUADRUPLE LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75130 Datasheet(HTML) 2 Page - Texas Instruments

  SN75130_11 Datasheet HTML 1Page - Texas Instruments SN75130_11 Datasheet HTML 2Page - Texas Instruments SN75130_11 Datasheet HTML 3Page - Texas Instruments SN75130_11 Datasheet HTML 4Page - Texas Instruments SN75130_11 Datasheet HTML 5Page - Texas Instruments SN75130_11 Datasheet HTML 6Page - Texas Instruments SN75130_11 Datasheet HTML 7Page - Texas Instruments SN75130_11 Datasheet HTML 8Page - Texas Instruments SN75130_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN75130
QUADRUPLE LINE DRIVER
SLLS077B – FEBRUARY 1990 – REVISED MAY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
4
G
3
1A
2A
5
11
3A
13
4A
4W
14
4Y
15
F
12
9
3Y
10
3W
2W
6
2Y
7
1
1Y
2
1W
G1
13
23
33
43
≤ 1
1
1
1
1
11EN12.Z13
G11
11
21
G21
21EN22.Z23
31
G31
31EN32.Z33
41
G41
41EN42,Z43
12
22
32
42
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
G
4
1A
3
5
2A
3A
11
4A
13
12
F
16
VCC
1
1Y
2
1W
7
2Y
6
2W
9
3Y
10
3W
15
4Y
14
4W


Similar Part No. - SN75130_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results

Similar Description - SN75130_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75172 TI1-SN75172_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com