Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ55116J Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55116J
Description  DIFFERENTIAL LINE TRANSCEIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ55116J Datasheet(HTML) 8 Page - Texas Instruments

Back Button SNJ55116J Datasheet HTML 4Page - Texas Instruments SNJ55116J Datasheet HTML 5Page - Texas Instruments SNJ55116J Datasheet HTML 6Page - Texas Instruments SNJ55116J Datasheet HTML 7Page - Texas Instruments SNJ55116J Datasheet HTML 8Page - Texas Instruments SNJ55116J Datasheet HTML 9Page - Texas Instruments SNJ55116J Datasheet HTML 10Page - Texas Instruments SNJ55116J Datasheet HTML 11Page - Texas Instruments SNJ55116J Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
electrical characteristics over recommended operating free-air temperature range (unless otherwise noted)
receiver section
PARAMETER
TEST CONDITIONS
’116, SN75118
SN75117, SN75119
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VCC = MIN, VICR = 0,
05
05
V
Positive going threshold voltage§
VO = 0.4 V,
IOL = 15 mA,
VCC = MIN, VICR = 0,
See Note 4
0.5
0.5
V
VIT +
Positive-going threshold voltage§
VO = 0.4 V,
See Note 3
IOL = 15 mA,
VCC = 5 V,
VICR = MAX,
1
1
V
See Note 3
VCC = 5 V,
VICR = MAX,
See Note 5
1
1
VCC = MIN, VICR = 0,
V
Negative going threshold voltage§
VO = 2.4 V,
IOL = − 5 mA,
VCC = MIN, VICR = 0,
See Note 4
− 0.5
− 0.5
V
VIT −
Negative-going threshold voltage§
VO = 2.4 V,
See Note 3
IOL = 5 mA,
VCC = 5 V,
VICR = MAX,
V
See Note 3
VCC = 5 V,
VICR = MAX,
See Note 5
−1
−1
15
6
VI
Input voltage range#
VCC = 5 V,
VID = − 1 V or 1 V,
See Note 3
15
to
6
to
V
VI
Input voltage range
VCC 5 V,
VID
1 V or 1 V,
See Note 3
to
−15
to
0
V
VCC = MIN,
VID = − 0.5 V,
24
24
V
High level output voltage
IOH = − 5 mA,
VCC = MIN,
VICR = 0,
VID = 0.5 V,
See Notes 4 and 6
2.4
2.4
V
VOH
High-level output voltage
IOH = 5 mA,
See Note 3
VCC = 5 V,
VID = − 1 V,
24
24
V
See Note 3
VCC = 5 V,
VICR = MAX,
VID = 1 V,
See Note 5
2.4
2.4
VCC = MIN,
VID = 0.5 V,
04
04
V
Low level output voltage
IOL = 15 mA,
VCC = MIN,
VICR = 0,
VID = 0.5 V,
See Notes 4 and 7
0.4
0.4
V
VOL
Low-level output voltage
IOL = 15 mA,
See Note 3
VCC = 5 V,
VID = 1 V,
04
04
V
See Note 3
VCC = 5 V,
VICR = MAX,
VID = 1 V,
See Note 5
0.4
0.4
V
MAX
VI = 0,
Other input at 0 V
− 0.5
− 0.9
− 0.5
−1
II(rec)
Receiver input current
VCC = MAX,
See Note 3
VI = 0.4 V,
Other input at 2.4 V
− 0.4
− 0.7
− 0.4
− 0.8
mA
I(rec)
p
See Note 3
VI = 2.4 V,
Other input at 0.4 V
0.1
0.3
0.1
0.4
It
t t
i
Strobe
VCC = MIN,
VID = − 0.5 V,
’116 SN75117
5
5
µA
II
Input current at maximum
input voltage
Strobe
VCC = MIN,
VID = 0.5 V,
Vstrobe = 4.5 V
’116, SN75117
5
5
µA
II
input voltage
Enable
VCC = MAX,
VI = 5.5 V
SN75118, SN75119
1
1
mA
Unless otherwise noted, Vstrobe = 2.4 V. All parameters, with the exception of off-state open-collector output current, are measured with the active pullup connected to the sink output.
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0.
§ Differential voltages are at the B input terminal with respect to the A input terminal. Neither receiver input of the SN75117 or SN75119 should be taken negative with respect to GND.
The algebraic convention, where the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold voltages only.
# Input voltage range is the voltage range that, if exceeded at either input, will cause the receiver to cease functioning properly.
NOTES:
3. Measurement of these characteristics on the SN75117 and SN75119 requires the driver to be disabled with the driver enable at 0.8 V.
4. This applies with the less positive receiver input grounded.
5. For ’116 and SN75118, this applies with the more positive receiver input at 15 V or the more negative receiver input at − 15 V. For SN75117 and SN75119, this applies
with the more positive receiver input at 6 V.
6.
For SN55116, VID = − 1 V
7. For SN55116, VID = 1 V


Similar Part No. - SNJ55116J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55116J TI1-SNJ55116J Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SNJ55116J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com