Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75173NE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75173NE4
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75173NE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75173NE4 Datasheet HTML 3Page - Texas Instruments SN75173NE4 Datasheet HTML 4Page - Texas Instruments SN75173NE4 Datasheet HTML 5Page - Texas Instruments SN75173NE4 Datasheet HTML 6Page - Texas Instruments SN75173NE4 Datasheet HTML 7Page - Texas Instruments SN75173NE4 Datasheet HTML 8Page - Texas Instruments SN75173NE4 Datasheet HTML 9Page - Texas Instruments SN75173NE4 Datasheet HTML 10Page - Texas Instruments SN75173NE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN55173, SN65173, SN75173
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS144E – OCTOBER 1980 – REVISED APRIL 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
S2
0 V
3 V
S2 Closed
tPLZ
S2 Open
tPZL
VOL
Output
Input
1.3 V
2 V
Generator
(see Note B)
CL
(see Note A)
– 2.5 V
(see Note C)
0.5 V
1.3 V
1.3 V
(see Note D)
50
5 k
2 k
VCC
≈ 1.4 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, duty cycle = 50%, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
C. All diodes are 1N916, or equivalent.
D. To test the active-low enable G, ground G and apply an inverted input waveform to G.
Figure 3. tPZL, tPLZ Test Circuit and Voltage Waveforms


Similar Part No. - SN75173NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75173NE4 TI-SN75173NE4 Datasheet
474Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEVERS
More results

Similar Description - SN75173NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com