Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ55138J Datasheet(PDF) 10 Page - Texas Instruments

Part # SNJ55138J
Description  QUADRUPLE BUS TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ55138J Datasheet(HTML) 10 Page - Texas Instruments

Back Button SNJ55138J Datasheet HTML 6Page - Texas Instruments SNJ55138J Datasheet HTML 7Page - Texas Instruments SNJ55138J Datasheet HTML 8Page - Texas Instruments SNJ55138J Datasheet HTML 9Page - Texas Instruments SNJ55138J Datasheet HTML 10Page - Texas Instruments SNJ55138J Datasheet HTML 11Page - Texas Instruments SNJ55138J Datasheet HTML 12Page - Texas Instruments SNJ55138J Datasheet HTML 13Page - Texas Instruments SNJ55138J Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SN55138, SN75138
QUADRUPLE BUS TRANSCEIVERS
SLLS079B – SEPTEMBER 1973 – REVISED MAY 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
Driver Loads = 1 k
Ω to 5 V
VI(D) = 2 V
VI(S) = 0.8 V
TA = – 55°C
70
60
50
40
30
20
10
7
6
5
4
3
2
1
0
8
80
VCC – Supply Voltage – V
0
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
(ALL DRIVER OUTPUTS LOW)
TA = 125°C
TA = 25°C
Figure 16
VCC – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
R Output Open
0
80
8
0
1
2
3
4
67
10
20
30
40
50
60
70
TA = 25°C
VI(S) = 0.8 V
Driver Loads = 1 k
Ω to 5 V
5
4 Driver Inputs at 0.8 V
4 Driver Inputs at 2 V
2 Driver Inputs at 2 V,
2 Driver Inputs at 0.8 V
Figure 17
tPLH(D-D)
Driver Load: CL = 50 pF, RL = 50 Ω, See Figure 1
VCC = 5 V
28
24
20
16
12
8
4
120
100
80
60
40
20
0
–20
–40
0
140
32
TA – Free-Air Temperature – °C
–6
PROPAGATION DELAY TIMES
vs
FREE-AIR TEMPERATURE
tPLH(S-D)
Receiver Load: CL = 15 pF, RL = 400 Ω,
See Figure 2
tPHL(S-D)
tPHL(D-D)
tPLH(R-R)
tPHL(R-R)
Figure 18
tPLH(R-R)
tPHL(R-R)
tPHL(D-D)
tPLH(D-D)
tPLH(S-D)
40
20
15
10
5
5.4
5.3
5.2
5.1
5
4.9
4.8
4.7
4.6
0
5.5
30
4.5
VCC – Supply Voltage – V
PROPAGATION DELAY TIMES
vs
SUPPLY VOLTAGE
TA = 25°C
Receiver Load: CL = 15 pF, RL = 400 Ω,
See Figure 2
Driver Load: CL = 50 pF, RL = 50 Ω, See Figure 1
tPHL(S-D)
† Data for temperatures below 0
°C and above 70°C is applicable to SN55138 circuits only.


Similar Part No. - SNJ55138J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55107AFK TI-SNJ55107AFK Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SNJ55107AFK TI1-SNJ55107AFK Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SNJ55107AJ TI-SNJ55107AJ Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SNJ55107AJ TI1-SNJ55107AJ Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SNJ55107AW TI-SNJ55107AW Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - SNJ55138J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI-SN55138 Datasheet
243Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI1-SN54LS243 Datasheet
900Kb / 14P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
AM26S10C TI-AM26S10C Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
AM26S10C TI-AM26S10C_08 Datasheet
540Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS440 TI-SN54LS440 Datasheet
288Kb / 7P
[Old version datasheet]   QUADRUPLE TRIDIRECTIONAL BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
logo
Texas Instruments
SN54LS446 TI-SN54LS446 Datasheet
230Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH INDIVIDUAL DIRECTION CONTROLS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com