Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C1406NS Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75C1406NS
Description  TRIPLE LOW-POWER DRIVERS/RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C1406NS Datasheet(HTML) 5 Page - Texas Instruments

  SN75C1406NS Datasheet HTML 1Page - Texas Instruments SN75C1406NS Datasheet HTML 2Page - Texas Instruments SN75C1406NS Datasheet HTML 3Page - Texas Instruments SN75C1406NS Datasheet HTML 4Page - Texas Instruments SN75C1406NS Datasheet HTML 5Page - Texas Instruments SN75C1406NS Datasheet HTML 6Page - Texas Instruments SN75C1406NS Datasheet HTML 7Page - Texas Instruments SN75C1406NS Datasheet HTML 8Page - Texas Instruments SN75C1406NS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN65C1406, SN75C1406
TRIPLE LOW-POWER DRIVERS/RECEIVERS
SLLS148E – MAY 1990 – REVISED OCTOBER 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over operating free-air temperature range, VDD = 12 V, VSS = –12 V,
VCC = 5 V ± 10% (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
VIH = 0.8 V,
RL = 3 kΩ,
VDD = 5 V,
VSS = – 5 V
4
4.5
V
VOH
High-level output voltage
IH
,
See Figure 1
VDD = 12 V,
VSS = – 12 V
10
10.8
V
VOL
Low-level output voltage
VIH = 2 V,
RL = 3 kΩ,
VDD = 5 V,
VSS = – 5 V
–4.4
–4
V
VOL
g
(see Note 3)
IH
,
See Figure 1
VDD = 12 V,
VSS = – 12 V
–10.7
–10
V
IIH
High-level input current
VI = 5 V,
See Figure 2
1
µA
IIL
Low-level input current
VI = 0,
See Figure 2
–1
µA
IOS(H)
High-level short-circuit
output current‡
VI = 0.8 V,
VO = 0 or VSS,
See Figure 1
–7.5
–12
–19.5
mA
IOS(L)
Low-level short-circuit
output current‡
VI = 2 V,
VO = 0 or VDD,
See Figure 1
7.5
12
19.5
mA
IDD
Supply current from VDD
No load,
VDD = 5 V,
VSS = – 5 V
115
250
µA
IDD
Supply current from VDD
,
All inputs at 2 V or 0.8 V
VDD = 12 V,
VSS = – 12 V
115
250
µA
ISS
Supply current from VSS
No load,
VDD = 5 V,
VSS = – 5 V
–115
–250
µA
ISS
Supply current from VSS
,
All inputs at 2 V or 0.8 V
VDD = 12 V,
VSS = – 12 V
–115
–250
µA
rO
Output resistance
VDD = VSS = VCC = 0,
See Note 4
VO = – 2 V to 2 V,
300
400
† All typical values are at TA = 25°C.
‡ Not more than one output should be shorted at a time.
NOTES:
3. The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
levels only.
4. Test conditions are those specified by TIA/EIA-232-F.
switching characteristics at TA = 25°C, VDD = 12 V, VSS = –12 V, VCC = 5 V ± 10%
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH Propagation delay time, low- to high-level output§
RL = 3 kΩ to 7 kΩ,CL = 15 pF,
See Figure 3
1.2
3
µs
tPHL Propagation delay time, high- to low-level output§
RL = 3 kΩ to 7 kΩ,CL = 15 pF,
See Figure 3
2.5
3.5
µs
tTLH Transition time, low- to high-level output¶
RL = 3 kΩ to 7 kΩ,CL = 15 pF,
See Figure 3
0.53
2
3.2
µs
tTHL Transition time, high- to low-level output¶
RL = 3 kΩ to 7 kΩ,CL = 15 pF,
See Figure 3
0.53
2
3.2
µs
tTLH Transition time, low- to high-level output#
RL = 3 kΩ to 7 kΩ,CL = 2500 pF,
See Figure 3
1
2
µs
tTHL Transition time, high- to low-level output#
RL = 3 kΩ to 7 kΩ,CL = 2500 pF,
See Figure 3
1
2
µs
SR
Output slew rate
RL = 3 kΩ to 7 kΩ,CL = 15 pF,
See Figure 3
4
10
30
V/
µs
§ tPHL and tPLH include the additional time due to on-chip slew rate and are measured at the 50% points.
¶ Measured between 10% and 90% points of output waveform
# Measured between 3-V and – 3-V points of output waveform (TIA/EIA-232-F conditions) with all unused inputs tied either high or low


Similar Part No. - SN75C1406NS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1406NS TI-SN75C1406NS Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406NS TI-SN75C1406NS Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406NS TI-SN75C1406NS Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406NSR TI-SN75C1406NSR Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406NSRE4 TI-SN75C1406NSRE4 Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results

Similar Description - SN75C1406NS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406_06 Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
   Triple Line Drivers/Receivers
logo
Texas Instruments
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI-TL145406 Datasheet
165Kb / 10P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI1-TL145406_14 Datasheet
675Kb / 18P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com