Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75138N Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75138N
Description  QUADRUPLE BUS TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75138N Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75138N Datasheet HTML 5Page - Texas Instruments SN75138N Datasheet HTML 6Page - Texas Instruments SN75138N Datasheet HTML 7Page - Texas Instruments SN75138N Datasheet HTML 8Page - Texas Instruments SN75138N Datasheet HTML 9Page - Texas Instruments SN75138N Datasheet HTML 10Page - Texas Instruments SN75138N Datasheet HTML 11Page - Texas Instruments SN75138N Datasheet HTML 12Page - Texas Instruments SN75138N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SN55138, SN75138
QUADRUPLE BUS TRANSCEIVERS
SLLS079B – SEPTEMBER 1973 – REVISED MAY 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
0.6
1
0.8
0.4
0.2
50
40
30
20
10
0
60
1.2
IOL(R) – Low-Level Output Current – mA
0
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT (RECEIVER)
TA = 125°C
TA = 25°C
VCC = 4.5 V
VI(R) = 3.5 V
TA = – 55°C
Figure 12
TA = 25°C
VI(S) = 0.8 V
0
1.2
300
0
50
100
150
200
250
0.2
0.4
0.6
0.8
1
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT (DRIVER)
IOL(D) – Low-Level Output Current – mA
TA = 125°C
VCC = 4.5 V
VI(D) = 2 V
TA = – 55°C
Figure 13
VI(R) – Receiver Input Voltage – V
VCC = 5 V
TA = 25°C, – 55°C
TA = 125°C
1.4
1.2
1
0.8
0.6
0.4
0.2
5
4
3
2
1
0
6
1.6
0
RECEIVER INPUT CURRENT
vs
RECEIVER INPUT VOLTAGE
VI(S) = 2 V
TA = 125°C, 25°C
TA = – 55°C
Figure 14
VI(R) – Receiver Input Voltage – V
RECEIVER INPUT CURRENT
vs
RECEIVER INPUT VOLTAGE
0
1.6
6
0
1
23
45
0.2
0.4
0.6
0.8
1
1.2
1.4
VI(S) = 2 V
TA = 25°C
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
† Data for temperatures below 0
°C and above 70°C is applicable to SN55138 circuits only.


Similar Part No. - SN75138N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75138N TI-SN75138N Datasheet
243Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
More results

Similar Description - SN75138N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI-SN55138 Datasheet
243Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI1-SN54LS243 Datasheet
900Kb / 14P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
AM26S10C TI-AM26S10C Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
AM26S10C TI-AM26S10C_08 Datasheet
540Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS440 TI-SN54LS440 Datasheet
288Kb / 7P
[Old version datasheet]   QUADRUPLE TRIDIRECTIONAL BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
logo
Texas Instruments
SN54LS446 TI-SN54LS446 Datasheet
230Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH INDIVIDUAL DIRECTION CONTROLS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com