Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-87547012A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-87547012A
Description  DUAL LINE DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-87547012A Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5962-87547012A Datasheet HTML 5Page - Texas Instruments 5962-87547012A Datasheet HTML 6Page - Texas Instruments 5962-87547012A Datasheet HTML 7Page - Texas Instruments 5962-87547012A Datasheet HTML 8Page - Texas Instruments 5962-87547012A Datasheet HTML 9Page - Texas Instruments 5962-87547012A Datasheet HTML 10Page - Texas Instruments 5962-87547012A Datasheet HTML 11Page - Texas Instruments 5962-87547012A Datasheet HTML 12Page - Texas Instruments 5962-87547012A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SN55110A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106G − DECEMBER 1975 − REVISED NOVEMBER 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
using the SN75112 as a CCITT-recommended V.35 line driver
The SN75112 dual line driver, the SN75107A dual line receiver, and some external resistors can be used to
implement the data-interchange circuit of CCITT recommendation V.35 (1976) modem specification. The circuit
of one channel is shown in Figure 5 and meets the requirement of the interface as specified by Appendix 11
of CCITT V.35 and is summarized in Table 1 (V.35 has been replaced by ITU V.11).
Table 1. CCITT V.35 Electrical Requirements
GENERATOR
MIN
MAX
UNIT
Source impedance, Zsource
50
150
Resistance to ground, R
135
165
Differential output voltage, VOD
440
660
mV
10% to 90% rise time, tr
40
ns
or
0.01
× ui†
Common-mode output voltage, VOC
−0.6
0.6
V
LOAD (RECEIVER)
MIN
MAX
UNIT
Input impedance, ZI
90
110
Resistance to ground, R
135
165
† ui = unit interval or minimum signal-element pulse duration
Data Out
1Y
Data In
1B
Enable
1C
1A
R3
390
R1
1.3 k
R5
75
R4
390
R2
1.3 k
R6
50
R7
50
R8
100 pF
All resistors are 5%, 1/4 W.
5 V
5 V
5 V
5 V
13
12
1/2 SN75112
1
2
10
3
100 pF
1Y
1Z
1
2
125
1A
1B
1/2 SN75107A
Enable
1G
4
5
6
Strobe
Figure 5. CCITT-Recommended V.35 Interface Using the SN75112 and SN75107A


Similar Part No. - 5962-87547012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-87547012A TI-5962-87547012A Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
5962-87547012A TI-5962-87547012A Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
More results

Similar Description - 5962-87547012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
logo
Texas Instruments
SN55110A TI-SN55110A_03 Datasheet
374Kb / 16P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN55109A TI-SN55109A Datasheet
172Kb / 11P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com