Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74SSTV16857DGVRG Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74SSTV16857DGVRG
Description  14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTV16857DGVRG Datasheet(HTML) 3 Page - Texas Instruments

  SN74SSTV16857DGVRG Datasheet HTML 1Page - Texas Instruments SN74SSTV16857DGVRG Datasheet HTML 2Page - Texas Instruments SN74SSTV16857DGVRG Datasheet HTML 3Page - Texas Instruments SN74SSTV16857DGVRG Datasheet HTML 4Page - Texas Instruments SN74SSTV16857DGVRG Datasheet HTML 5Page - Texas Instruments SN74SSTV16857DGVRG Datasheet HTML 6Page - Texas Instruments SN74SSTV16857DGVRG Datasheet HTML 7Page - Texas Instruments SN74SSTV16857DGVRG Datasheet HTML 8Page - Texas Instruments SN74SSTV16857DGVRG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN74SSTV16857
14BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES344E – DECEMBER 2000 – REVISED NOVEMBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
VDDQ
2.7
V
VDDQ
Output supply voltage
2.3
2.7
V
VREF
Reference voltage (VREF = VDDQ/2)
1.15
1.25
1.35
V
VTT
Termination voltage
VREF–40mV
VREF
VREF+40mV
V
VI
Input voltage
0
VCC
V
VIH
AC high-level input voltage
Data inputs
VREF+310mV
V
VIL
AC low-level input voltage
Data inputs
VREF–310mV
V
VIH
DC high-level input voltage
Data inputs
VREF+150mV
V
VIL
DC low-level input voltage
Data inputs
VREF–150mV
V
VIH
High-level input voltage
RESET
1.7
V
VIL
Low-level input voltage
RESET
0.7
V
VICR
Common-mode input voltage range
CLK, CLK
0.97
1.53
V
VI(PP) Peak-to-peak input voltage
CLK, CLK
360
mV
IOH
High-level output current
–20
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
0
70
_C
NOTE 4: The RESET input of the device must be held at a valid logic level (not floating) to ensure proper device operation. The differential inputs
must not be floating unless RESET is low. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature
number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC AND
VDDQ
MIN
TYP†
MAX
UNIT
VIK
II = –18 mA
2.3 V
–1.2
V
V
IOH = –100 µA
2.3 V to 2.7 V
VDDQ–0.2
V
VOH
IOH = –16 mA
2.3 V
1.95
V
V
IOL = 100 µA
2.3 V to 2.7 V
0.2
V
VOL
IOL = 16 mA
2.3 V
0.35
V
II
All inputs
VI = VCC or GND
2.7 V
±5
µA
I
Static standby
RESET = GND
I0
27V
10
µA
ICC
Static operating
RESET = VCC, VI = VIH(AC) or VIL(AC)
IO = 0
2.7 V
8
56
mA
Dynamic operating –
clock only
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle
28
µA/
MHz
ICCD
Dynamic operating –
per each data input
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle,
One data input switching at
one-half clock frequency, 50% duty cycle
IO = 0
2.5 V
9
µA/
clock
MHz/
D input
rOH
Output high
IOH = –20 mA
2.3 V to 2.7 V
7
20
rOL
Output low
IOL = 20 mA
2.3 V to 2.7 V
7
20
rO(
∆)
rOH – rOL
IO = 20 mA, TA = 25°C
2.5 V
6
Data inputs
VI = VREF ± 310 mV
2.5
3
3.5
Ci
CLK, CLK
VICR = 1.25 V, VI(PP) = 360 mV
2.5 V
2.5
3
3.5
pF
Ci
RESET
VI = VCC or GND
2.5 V
2.5
3
3.5
F
† All typical values are at VCC = 2.5 V, TA = 25°C.
Not Recommended for New Designs


Similar Part No. - SN74SSTV16857DGVRG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTV16857DGVR TI-SN74SSTV16857DGVR Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com