Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55114 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN55114
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55114 Datasheet(HTML) 4 Page - Texas Instruments

  SN55114 Datasheet HTML 1Page - Texas Instruments SN55114 Datasheet HTML 2Page - Texas Instruments SN55114 Datasheet HTML 3Page - Texas Instruments SN55114 Datasheet HTML 4Page - Texas Instruments SN55114 Datasheet HTML 5Page - Texas Instruments SN55114 Datasheet HTML 6Page - Texas Instruments SN55114 Datasheet HTML 7Page - Texas Instruments SN55114 Datasheet HTML 8Page - Texas Instruments SN55114 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN55114, SN75114
DUAL DIFFERENTIAL LINE DRIVERS
SLLS071C – SEPTEMBER 1973 – REVISED SEPTEMBER 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN55114
SN75114
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN,
II = – 12 mA
–0.9
–1.5
–0.9
–1.5
V
VOH
High-level output
VCC = MIN,
VIH = 2 V,
IOH = –10 mA
2.4
3.4
2.4
3.4
V
VOH
g
voltage
CC
,
VIL = 0.8 V
IH
,
IOH = – 40 mA
2
3
2
3
V
VOL
Low-level output
VCC = MIN,
VIH = 2 V,
02
04
02
045
V
VOL
voltage
CC
,
VIL = 0.8 V,
IH
,
IOL = 40 mA
0.2
0.4
0.2
0.45
V
VOK
Output clamp voltage
VCC = 5 V,
IO = 40 mA,
TA = 25°C
6.1
6.5
6.1
6.5
V
VOK
Output clamp voltage
VCC = MAX, IO = – 40 mA,
TA = 25°C
–1.1
–1.5
–1.1
–1.5
V
VOH =12V
TA = 25°C
1
100
IO( ff)
Off-state open collector
VCC = MAX
VOH = 12 V
TA = 125°C
200
µA
IO(off)
output current
VCC = MAX
VOH = 5 25 V
TA = 25°C
1
100
µA
VOH = 5.25 V
TA = 70°C
200
II
Input current at
VCC = MAX
VI =5 5V
1
1
mA
II
maximum input voltage
VCC = MAX, VI = 5.5 V
1
1
mA
IIH
High-level input current
VCC = MAX, VI = 2.4 V
40
40
µA
IIL
Low-level input current
VCC = MAX, VI = 0.4 V
–1.1
–1.6
–1.1
–1.6
mA
IOS
Short-circuit
VCC = MAX
VO =0
TA =25°C
40
90
120
40
90
120
mA
IOS
output current§
VCC = MAX, VO = 0,
TA = 25°C
–40
–90
–120
–40
–90
–120
mA
ICC
Supply current
All inputs at 0 V, No load,
VCC = MAX
37
50
37
50
mA
ICC
y
(both drivers)
TA = 25°C
VCC = 7 V
47
65
47
70
mA
† All parameters, with the exception of off-state open-collector output current, are measured with the active pullup connected to the sink output.
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at TA = 25°C and VCC = 5 V, with the exception of ICC at 7 V.
§ Only one output should be shorted at a time, and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST
SN55114
SN75114
UNIT
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH Propagation delay time, low- to high-level output
CL = 30 pF,
15
20
15
30
ns
tPHL Propagation delay time, high- to low-level output
L
See Figure 1
11
20
11
30
ns


Similar Part No. - SN55114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114FK TI-SN55114FK Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114J TI-SN55114J Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114W TI-SN55114W Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN55114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com