Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74SSTV16857DGVR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74SSTV16857DGVR
Description  14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTV16857DGVR Datasheet(HTML) 4 Page - Texas Instruments

  SN74SSTV16857DGVR Datasheet HTML 1Page - Texas Instruments SN74SSTV16857DGVR Datasheet HTML 2Page - Texas Instruments SN74SSTV16857DGVR Datasheet HTML 3Page - Texas Instruments SN74SSTV16857DGVR Datasheet HTML 4Page - Texas Instruments SN74SSTV16857DGVR Datasheet HTML 5Page - Texas Instruments SN74SSTV16857DGVR Datasheet HTML 6Page - Texas Instruments SN74SSTV16857DGVR Datasheet HTML 7Page - Texas Instruments SN74SSTV16857DGVR Datasheet HTML 8Page - Texas Instruments SN74SSTV16857DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74SSTV16857
14BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES344E – DECEMBER 2000 – REVISED NOVEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
VCC = 2.5 V
± 0.2 V†
UNIT
MIN
MAX
UNIT
fclock
Clock frequency
200
MHz
tw
Pulse duration
CLK, CLK high or low
2.5
ns
tact
Differential inputs active time (see Note 5)
22
ns
tinact
Differential inputs inactive time (see Note 6)
22
ns
t
Set p time
Fast slew rate (see Notes 7 and 9)
Dt bf
CLK
↑ CLK↓
0.75
ns
tsu
Setup time
Slow slew rate (see Notes 8 and 9)
Data before CLK
↑, CLK↓
0.9
ns
t
Hold time
Fast slew rate (see Notes 7 and 9)
D t
ft
CLK
↑ CLK↓
0.75
ns
th
Hold time
Slow slew rate (see Notes 8 and 9)
Data after CLK
↑, CLK↓
0.9
ns
† For this test condition, VDDQ always is equal to VCC.
NOTES:
5. Data inputs must be held low for a minimum time of tact min, after RESET is taken high.
6. Data and clock inputs must be held at valid levels (not floating) for a minimum time of tinact min, after RESET is taken low.
7. Data signal input slew rate
≥1 V/ns
8. Data signal input slew rate
≥0.5 V/ns and <1 V/ns
9. CLK, CLK input slew rates are
≥1 V/ns.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
UNIT
fmax
200
MHz
tpd
CLK and CLK
Q
1.1
2.8
ns
tPHL
RESET
Q
5
ns
† For this test condition, VDDQ always is equal to VCC.
Not Recommended for New Designs


Similar Part No. - SN74SSTV16857DGVR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
SN74SSTV16857DGVR TI-SN74SSTV16857DGVR Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com