Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LPC932BDH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P89LPC932BDH
Description  80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC932BDH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P89LPC932BDH Datasheet HTML 6Page - NXP Semiconductors P89LPC932BDH Datasheet HTML 7Page - NXP Semiconductors P89LPC932BDH Datasheet HTML 8Page - NXP Semiconductors P89LPC932BDH Datasheet HTML 9Page - NXP Semiconductors P89LPC932BDH Datasheet HTML 10Page - NXP Semiconductors P89LPC932BDH Datasheet HTML 11Page - NXP Semiconductors P89LPC932BDH Datasheet HTML 12Page - NXP Semiconductors P89LPC932BDH Datasheet HTML 13Page - NXP Semiconductors P89LPC932BDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Philips Semiconductors
P89LPC932
8-bit microcontroller with accelerated two-clock 80C51 core
Product data
Rev. 04 — 06 January 2004
10 of 60
9397 750 12379
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Input/Output for P1.0-P1.4, P1.6, P1.7. Input for P1.5.
P3.0 - P3.1
9, 8
5, 4
I/O
Port 3: Port 3 is a 2-bit I/O port with a user-configurable output type. During
reset Port 3 latches are configured in the input only mode with the internal
pull-up disabled. The operation of Port 3 pins as inputs and outputs depends
upon the port configuration selected. Each port pin is configured
independently. Refer to Section 8.12.1 “Port configurations” and Table 8 “DC
electrical characteristics” for details.
All pins have Schmitt triggered inputs.
Port 3 also provides various special functions as described below:
9
5
I/O
P3.0 — Port 3 bit 0.
O
XTAL2 — Output from the oscillator amplifier (when a crystal oscillator option
is selected via the FLASH configuration.
O
CLKOUT — CPU clock divided by 2 when enabled via SFR bit (ENCLK -
TRIM.6). It can be used if the CPU clock is the internal RC oscillator,
watchdog oscillator or external clock input, except when XTAL1/XTAL2 are
used to generate clock source for the Real-Time clock/system timer.
8
4
I/O
P3.1 — Port 3 bit 1.
I
XTAL1 — Input to the oscillator circuit and internal clock generator circuits
(when selected via the FLASH configuration). It can be a port pin if internal
RC oscillator or watchdog oscillator is used as the CPU clock source, and if
XTAL1/XTAL2 are not used to generate the clock for the Real-Time
clock/system timer.
VSS
73
I
Ground: 0 V reference.
VDD
21
17
I
Power Supply: This is the power supply voltage for normal operation as well
as Idle and Power-Down modes.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description
TSSOP,
PLCC
HVQFN


Similar Part No. - P89LPC932BDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC932BDH PHILIPS-P89LPC932BDH Datasheet
291Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
Rev. 04-06 January 2004
More results

Similar Description - P89LPC932BDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC932A1 NXP-P89LPC932A1 Datasheet
333Kb / 64P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
Rev. 03-12 March 2007
P89LPC9321 NXP-P89LPC9321 Datasheet
342Kb / 70P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
Rev. 01-9 December 2008
P89LPC932 PHILIPS-P89LPC932 Datasheet
291Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
Rev. 04-06 January 2004
P89LPC932A1 PHILIPS-P89LPC932A1 Datasheet
316Kb / 64P
   8-Bit Microcontroller with accelerated two-clock 80C51 core 8kB 3V byte-erasable flash with 512-byte data EEPROM
Rev. 02-10 May 2005
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9351 NXP-P89LPC9351 Datasheet
341Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-19 November 2008
P89LPC930 PHILIPS-P89LPC930 Datasheet
260Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004
P89LPC930 NXP-P89LPC930 Datasheet
277Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com