Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS192NE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS192NE4
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS192NE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS192NE4 Datasheet HTML 1Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 2Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 3Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 4Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 5Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 6Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 7Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 8Page - Texas Instruments SN75ALS192NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN75ALS192
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS007D – JULY 1985 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI Standard EIA/TIA-422-B and ITU
Recommendation V.11
D Designed to Operate up to 20 Mbaud
D 3-State TTL Compatible
D Single 5-V Supply Operation
D High Output Impedance in Power-Off
Condition
D Complementary Output-Enable Inputs
D Improved Replacement for the AM26LS31
description
The four differential line drivers are designed for data transmission over twisted-pair or parallel-wire
transmission
lines.
They
meet
the
requirements
of
ANSI
Standard
EIA/TIA-422-B
and
ITU
Recommendations V.11 and are compatible with 3-state TTL circuits. Advanced low-power Schottky
technology provides high speed without the usual power penalties. Standby supply current is typically only
26 mA, while typical propagation delay time is less than 10 ns.
High-impedance inputs maintain low input currents, less than 1
µA for a high level and less than 100 µA for a
low level. Complementary output-enable inputs (G and G) allow these devices to be enabled at either a high
input level or low input level. The SN75ALS192 is capable of data rates in excess of 20 Mbit/s and is designed
to operate with the SN75ALS193 quadruple line receiver.
The SN75ALS192 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUT
ENABLES
OUTPUTS
A
G
G
Y
Z
H
H
X
H
L
L
H
XL
H
H
X
LH
L
L
X
LL
H
X
L
H
Z
Z
H = high level, L = low level, X = irrelevant,
Z = high impedance (off)
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN75ALS192NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS192NE4 TI-SN75ALS192NE4 Datasheet
713Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED APRIL 1998
More results

Similar Description - SN75ALS192NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com