Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS162DWG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75ALS162DWG4
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS162DWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75ALS162DWG4 Datasheet HTML 5Page - Texas Instruments SN75ALS162DWG4 Datasheet HTML 6Page - Texas Instruments SN75ALS162DWG4 Datasheet HTML 7Page - Texas Instruments SN75ALS162DWG4 Datasheet HTML 8Page - Texas Instruments SN75ALS162DWG4 Datasheet HTML 9Page - Texas Instruments SN75ALS162DWG4 Datasheet HTML 10Page - Texas Instruments SN75ALS162DWG4 Datasheet HTML 11Page - Texas Instruments SN75ALS162DWG4 Datasheet HTML 12Page - Texas Instruments SN75ALS162DWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SN75ALS162
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SLLS020C – JUNE 1986 – REVISED MAY 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0.7 V
1 V
≈ 4 V
0 V
VOH
0 V
3 V
See Note B
Terminal
Output
S1 Open
4.3 V
Test Point
3 k
240
LOAD CIRCUIT
VOLTAGE WAVEFORMS
VOL
S1
From (terminal)
Output Under
Test
CL = 15 pF
(see Note A)
tPZH
tPHZ
Control
Input
1.5 V
1.5 V
tPZL
tPLZ
90%
2 V
Terminal
Output
S1 Closed
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns,
tf ≤ 6 ns, ZO = 50 Ω.
Figure 4. Terminal Load Circuit and Voltage Waveforms


Similar Part No. - SN75ALS162DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS162DW TI-SN75ALS162DW Datasheet
181Kb / 12P
[Old version datasheet]   SN75ALS1177 SN75ALS1178
More results

Similar Description - SN75ALS162DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS164 TI1-SN75ALS164_14 Datasheet
585Kb / 18P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI1-SN75160B_13 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS165 TI1-SN75ALS165 Datasheet
193Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75164B TI1-SN75164B Datasheet
230Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI1-SN75ALS163_13 Datasheet
245Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com