Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS085DWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75ALS085DWG4
Description  LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS085DWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75ALS085DWG4 Datasheet HTML 3Page - Texas Instruments SN75ALS085DWG4 Datasheet HTML 4Page - Texas Instruments SN75ALS085DWG4 Datasheet HTML 5Page - Texas Instruments SN75ALS085DWG4 Datasheet HTML 6Page - Texas Instruments SN75ALS085DWG4 Datasheet HTML 7Page - Texas Instruments SN75ALS085DWG4 Datasheet HTML 8Page - Texas Instruments SN75ALS085DWG4 Datasheet HTML 9Page - Texas Instruments SN75ALS085DWG4 Datasheet HTML 10Page - Texas Instruments SN75ALS085DWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN75ALS085
LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
SLLS054D – APRIL 1989 – REVISED OCTOBER 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIK
Clamp voltage at all inputs
II = – 18 mA
– 1.5
V
VCC = 4.75 V
3.202
3.752
TA = 0°C
VCC = 5 V
3.389
3.998
VCC = 5.25 V
3.577
4.244
VCC = 4.75 V
3.213
3.797
V(TO) Driver input (TXI) threshold voltage
TA = 25°C
VCC = 5 V
3.400
4.043
V
()
VCC = 5.25 V
3.588
4.289
VCC = 4.75 V
3.239
3.849
TA = 70°C
VCC = 5 V
3.426
4.095
VCC = 5.25 V
3.614
4.341
Receiver differential input threshold voltage
– 275
mV
Idle
TXEN at 0.8 V,
LOOP1 at 2 V,
LOOP2 at 2 V,
See Figure 1
1
4.2
VOC
Driver output (TXO) common-mode voltage
Active
TXEN at 2 V,
LOOP1 at 2 V,
LOOP2 at 2 V,
TXI at 3.2 V,
See Figure 1
1
4.2
V
Active
TXEN at 2 V,
LOOP1 at 2 V,
LOOP2 at 2 V,
TXI at 4.4 V,
See Figure 1
1
4.2
Idle
TXEN at 0.8 V,
LOOP1 at 2 V,
LOOP2 at 2 V,
See Figure 1
±40
VOD
Driver output (TXO) differential voltage
Active
TXEN at 2 V,
LOOP1 at 2 V,
LOOP2 at 2 V,
TXI at 3.2 V,
See Figure 1
– 600
1315
mV
Active
TXEN at 2 V,
LOOP1 at 2 V,
LOOP2 at 2 V,
TXI at 4.4 V,
See Figure 1
600
1315
VOH
High-level output voltage
RXO, RXEN
IOH = – 0.4 mA
2.4
V
VOL
Low-level output voltage
RXO, RXEN
IOL = 16 mA
0.5
V
TXEN, LOOP
VI = 2 V
20
IIH
High-level input current
TXI
VI = 4.5 V
400
µA
RXI, RXI
VID = – 0.5 V,
VIC = 1 V to 4.2 V
1000
TXEN, LOOP
VI = 0.8 V
– 200
IIL
Low level input current
TXI
VI = 3.1 V
100
µA
IIL
Low-level input current
TXI
VI = 0.3 V
4
10
µA
RXI, RXI
VID = 0.5 V,
VIC = 1 V to 4.2 V
1000
IOD
Driver differential output current
Idle
TXEN at 0.8 V,
LOOP1 at 2 V,
LOOP2 at 2 V,
See Figure 2
±4
mA
IOS
Short-circuit output current†
RXO, RXEN
VO at 0 V,
RXI at 3 V,
RXI at 2 V
– 40
– 150
mA
ICC
Supply current
LOOP2 at 2 V,
TXEN at 2 V,
TXI at 4.5 V,
Outputs open
225
mA
† Not more than one output should be shorted at a time, and the duration of the test should not exceed 1 second.


Similar Part No. - SN75ALS085DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS085DW TI-SN75ALS085DW Datasheet
241Kb / 17P
[Old version datasheet]   LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
More results

Similar Description - SN75ALS085DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS085 TI-SN75ALS085 Datasheet
241Kb / 17P
[Old version datasheet]   LAN ACCESS UNIT INTERFACE DUAL DRIVER/RECEIVER
logo
Intel Corporation
82576EB INTEL-82576EB Datasheet
7Mb / 956P
   LAN Access Division
logo
Hitachi Semiconductor
HA12187FP HITACHI-HA12187FP Datasheet
105Kb / 23P
   Bus Interface Driver/Receiver IC
logo
Renesas Technology Corp
CCA1224 RENESAS-CCA1224 Datasheet
972Kb / 13P
   Bus Interface IC (Driver, Receiver)
31-Oct-2019
logo
Dialog Semiconductor
CCA1224 DIALOG-CCA1224 Datasheet
866Kb / 12P
   Bus Interface IC (Driver, Receiver)
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP Datasheet
210Kb / 26P
   Bus Interface Driver/Receiver IC
Apr 24, 2008
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
   Bus Interface Driver/Receiver IC
R2A11210SP RENESAS-R2A11210SP_15 Datasheet
211Kb / 26P
   Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP Datasheet
163Kb / 24P
   Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP_15 Datasheet
186Kb / 26P
   Bus Interface Driver/Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com