Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V283 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74V283
Description  3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74V283 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74V283 Datasheet HTML 6Page - Texas Instruments SN74V283 Datasheet HTML 7Page - Texas Instruments SN74V283 Datasheet HTML 8Page - Texas Instruments SN74V283 Datasheet HTML 9Page - Texas Instruments SN74V283 Datasheet HTML 10Page - Texas Instruments SN74V283 Datasheet HTML 11Page - Texas Instruments SN74V283 Datasheet HTML 12Page - Texas Instruments SN74V283 Datasheet HTML 13Page - Texas Instruments SN74V283 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
SN74V263, SN74V273, SN74V283, SN74V293
8192
× 18, 16384 × 18, 32768 × 18, 65536 × 18
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS669D – JUNE 2001 – REVISED FEBRUARY 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
first-word fall-through/serial in (FWFT/SI)
FWFT/SI is a dual-purpose pin. During master reset, the state of the FWFT/SI input determines whether the
device operates in FWFT mode or standard mode.
If, at the time of master reset, FWFT/SI is high, FWFT mode is selected. This mode uses OR to indicate whether
there is valid data at the data outputs (Qn). It also uses IR to indicate whether the FIFO memory has any free
space for writing. In the FWFT mode, the first word written to an empty FIFO goes directly to Qn after three RCLK
rising edges; REN = low is not necessary. Subsequent words must be accessed using REN and RCLK.
If, at the time of master reset, FWFT/SI is low, standard mode is selected. This mode uses EF to indicate whether
there are any words present in the FIFO memory. It also uses the FF to indicate whether the FIFO memory has
any free space for writing. In standard mode, every word read from the FIFO, including the first, must be
requested using REN and RCLK.
After master reset, FWFT/SI acts as a serial input for loading PAE and PAF offsets into the programmable
registers. The serial input function can be used only when the serial loading method is selected during master
reset. Serial programming using the FWFT/SI pin functions the same way in both FWFT and standard modes.
write clock (WCLK)
A write cycle is initiated on the rising edge of the WCLK input. Data setup and hold times must be met, with
respect to the low-to-high transition of WCLK. It is permissible to stop WCLK. Note that while WCLK is idle, the
FF/IR, PAF, and HF flags are not updated. (WCLK is capable only of updating the HF flag to low.) The write and
read clocks can be either independent or coincident.
write enable (WEN)
When WEN is low, data can be loaded into the FIFO RAM array on the rising edge of every WCLK cycle if the
device is not full. Data is stored in the RAM array sequentially and independently of any ongoing read operation.
When WEN is high, no new data is written in the RAM array on each WCLK cycle.
To prevent data overflow in the FWFT mode, IR goes high, inhibiting further write operations. After completion
of a valid read cycle, IR goes low, allowing a write to occur. The IR flag is updated by two WCLK cycles + tsk
after the valid RCLK cycle.
To prevent data overflow in the standard mode, FF goes low, inhibiting further write operations. After completion
of a valid read cycle, FF goes high, allowing a write to occur. The FF is updated by two WCLK cycles + tsk after
the RCLK cycle.
WEN is ignored when the FIFO is full in either FWFT or standard modes.
read clock (RCLK)
A read cycle is initiated on the rising edge of the RCLK input. Data can be read on the outputs, on the rising edge
of the RCLK input. It is permissible to stop RCLK. While RCLK is idle, the EF/OR, PAE and HF flags are not
updated. RCLK is capable only of updating the HF flag to high. The write and read clocks can be independent
or coincident.


Similar Part No. - SN74V283

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V283 TI-SN74V283 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V283-10GGM TI-SN74V283-10GGM Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V283-10PZA TI-SN74V283-10PZA Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V283-15GGM TI-SN74V283-15GGM Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V283-15PZA TI-SN74V283-15PZA Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V283

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com