Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V263 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74V263
Description  3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74V263 Datasheet(HTML) 4 Page - Texas Instruments

  SN74V263 Datasheet HTML 1Page - Texas Instruments SN74V263 Datasheet HTML 2Page - Texas Instruments SN74V263 Datasheet HTML 3Page - Texas Instruments SN74V263 Datasheet HTML 4Page - Texas Instruments SN74V263 Datasheet HTML 5Page - Texas Instruments SN74V263 Datasheet HTML 6Page - Texas Instruments SN74V263 Datasheet HTML 7Page - Texas Instruments SN74V263 Datasheet HTML 8Page - Texas Instruments SN74V263 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
SN74V263, SN74V273, SN74V283, SN74V293
8192
× 18, 16384 × 18, 32768 × 18, 65536 × 18
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS669D – JUNE 2001 – REVISED FEBRUARY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Write-Control
Logic
RAM Array
8192
× 18 or 16384 × 9
16384
× 18 or 32768 × 9
32768
× 18 or 65536 × 9
65536
× 18 or 131072 × 9
Offset
Register
Input
Register
Flag
Logic
Read Pointer
Read-Control Logic
Output
Register
Write
Pointer
Control
Logic
Reset
Logic
BE
IP
MRS
WEN
WCLK
D0–Dn (
×9 or ×18)
SEN
HF
PAE
EF/OR
PAF
FF/IR
Q0–Qn (
×9 or ×18)
OE
REN
RCLK
Bus
Configuration
IW
OW
PRS
LD
FSEL1
FSEL0
PFM
FWFT/SI
RM
RT
description (continued)
For applications requiring more data-storage capacity than a single FIFO can provide, the FWFT timing mode
permits depth expansion by chaining FIFOs in series (i.e., the data outputs of one FIFO are connected to the
corresponding data inputs of the next). No external logic is required.
These FIFOs have five flag pins: empty flag or output ready (EF/OR), full flag or input ready (FF/IR), half-full
flag (HF), programmable almost-empty flag (PAE), and programmable almost-full flag (PAF). The IR and OR
functions are selected in FWFT mode. The EF and FF functions are selected in standard mode. HF, PAE, and
PAF always are available for use, regardless of timing mode.
PAE and PAF can be programmed independently to switch at any point in memory. Programmable offsets
determine the flag-switching threshold and can be loaded by parallel or serial methods. Eight default offset
settings also are provided, so that PAE can be set to switch at a predefined number of locations from the empty
boundary. The PAF threshold also can be set at similar predefined values from the full boundary. The default
offset values are set during master reset by the state of FSEL0, FSEL1, and LD.
For serial programming, SEN, together with LD, loads the offset registers via the serial input (SI) on each rising
edge of WCLK. For parallel programming, WEN, together with LD, loads the offset registers via Dn on each
rising edge of WCLK. REN, together with LD, can read the offsets in parallel from Qn on each rising edge of
RCLK, regardless of whether serial or parallel offset loading has been selected.


Similar Part No. - SN74V263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-10GGM TI-SN74V263-10GGM Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-10PZA TI-SN74V263-10PZA Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-15GGM TI-SN74V263-15GGM Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-15PZA TI-SN74V263-15PZA Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com