Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9560403V9A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962R9560403V9A
Description  LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962R9560403V9A Datasheet(HTML) 3 Page - Texas Instruments

  5962R9560403V9A Datasheet HTML 1Page - Texas Instruments 5962R9560403V9A Datasheet HTML 2Page - Texas Instruments 5962R9560403V9A Datasheet HTML 3Page - Texas Instruments 5962R9560403V9A Datasheet HTML 4Page - Texas Instruments 5962R9560403V9A Datasheet HTML 5Page - Texas Instruments 5962R9560403V9A Datasheet HTML 6Page - Texas Instruments 5962R9560403V9A Datasheet HTML 7Page - Texas Instruments 5962R9560403V9A Datasheet HTML 8Page - Texas Instruments 5962R9560403V9A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM6172QML
www.ti.com
SNOSAR4A – DECEMBER 2010 – REVISED OCTOBER 2011
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (V+
− V)
36V
Differential Input Voltage (2)
±10V
Maximum Junction Temperature
150°C
Power Dissipation (3), (4)
1.03W
Output Short Circuit to Ground (5)
Continuous
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Common Mode Voltage Range
V+ +0.3V to V
−0.3V
Input Current
±10mA
Thermal Resistance (6)
θJA
8LD CDIP (Still Air)
100°C/W
8LD CDIP (500LF/Min Air Flow)
46°C/W
16LD CLGA (Still Air) “WG”
124°C/W
16LD CLGA (500LF/Min Air Flow) “WG”
74°C/W
16LD CLGA (Still Air) “GW”
135°C/W
16LD CLGA (500LF/Min Air Flow) “GW”
85°C/W
θJC
8LD CDIP (4)
2°C/W
16LD CLGA “WG”(4)
6°C/W
16LD CLGA “GW”
7°C/W
Package Weight
8LD CDIP
980mg
16LD CLGA “WG”
365mg
16LD CLGA “GW”
410mg
ESD Tolerance (7)
4KV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
Differential Input Voltage is measured at VS = ±15V.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(4)
The package material for these devices allows much improved heat transfer over our standard ceramic packages. In order to take full
advantage of this improved heat transfer, heat sinking must be provided between the package base (directly beneath the die), and either
metal traces on, or thermal vias through, the printed circuit board. Without this additional heat sinking, device power dissipation must be
calculated using
θJA, rather than θJC, thermal resistance. It must not be assumed that the device leads will provide substantial heat
transfer out the package, since the thermal resistance of the leadframe material is very poor, relative to the material of the package
base. The stated
θJC thermal resistance is for the package material only, and does not account for the additional thermal resistance
between the package base and the printed circuit board. The user must determine the value of the additional thermal resistance and
must combine this with the stated value for the package, to calculate the total allowed power dissipation for the device.
(5)
Continuous short circuit operation can result in exceeding the maximum allowed junction temperature of 150°C
(6)
All numbers apply for packages soldered directly into a PC board.
(7)
Human body model, 1.5 k
Ω in series with 100 pF.
RECOMMENDED OPERATING CONDITIONS
(1)
Supply Voltage
5.5V
≤ VS ≤ 36V
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM6172QML


Similar Part No. - 5962R9560403V9A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R9560403V9A TI-5962R9560403V9A Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
More results

Similar Description - 5962R9560403V9A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6172QML TI-LM6172QML_V01 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
logo
National Semiconductor ...
LM6172QML NSC-LM6172QML Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP NSC-LM6172QML-SP Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172_16 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172_14 Datasheet
1Mb / 25P
   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172IMX TI-LM6172IMX Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com