Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F9560401VPA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962F9560401VPA
Description  LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962F9560401VPA Datasheet(HTML) 5 Page - Texas Instruments

  5962F9560401VPA Datasheet HTML 1Page - Texas Instruments 5962F9560401VPA Datasheet HTML 2Page - Texas Instruments 5962F9560401VPA Datasheet HTML 3Page - Texas Instruments 5962F9560401VPA Datasheet HTML 4Page - Texas Instruments 5962F9560401VPA Datasheet HTML 5Page - Texas Instruments 5962F9560401VPA Datasheet HTML 6Page - Texas Instruments 5962F9560401VPA Datasheet HTML 7Page - Texas Instruments 5962F9560401VPA Datasheet HTML 8Page - Texas Instruments 5962F9560401VPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM6172QML
www.ti.com
SNOSAR4A – DECEMBER 2010 – REVISED OCTOBER 2011
LM6172 (±5V) ELECTRICAL CHARACTERISTICS
(1)
DC PARAMETERS (continued)
The following conditions apply, unless otherwise specified.
TJ = 25°C, V
+ = +5V, V= −5V, V
CM = 0V & RL > 1MΩ
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
See (3)
25
mA
1
Sourcing RL = 100Ω
See(3)
24
mA
2, 3
IL
Output Current (Open Loop)
See (3)
-24
mA
1
Sinking RL = 100Ω
See (3)
-23
mA
2, 3
6.0
mA
1
IS
Supply Current
Both Amplifiers
7.0
mA
2, 3
(3)
The open loop output current is specified by measurement of the open loop output voltage swing using 100
Ω output load.
DC DRIFT PARAMETERS
(1)
The following conditions apply, unless otherwise specified.
TJ = 25°C, V
+ = +5V, V= −5V, V
CM = 0V & RL > 1MΩ
Delta calculations performed on QMLV devices at group B , subgroup 5.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
-0.25
0.25
mV
1
IIB
Input Bias Current
-0.50
0.50
µA
1
IIO
Input Ofset Current
-0.25
0.25
µA
1
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics. These parts may be dose rate
sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are specified only for the conditions as specified in Mil-Std-883, Method 1019.5, Condition A.
LM6172 (±15V) ELECTRICAL CHARACTERISTICS
DC PARAMETERS
(1)
The following conditions apply, unless otherwise specified.
TJ = 25°C, V
+ = +15V, V= −15V, V
CM = 0V, & RL = 1MΩ
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
1.5
mV
1
VIO
Input Offset Voltage
3.5
mV
2, 3
3.0
µA
1
IIB
Input Bias Current
4.0
µA
2, 3
2.0
µA
1
IIO
Input Offset Current
3.0
µA
2, 3
70
dB
1
CMRR
Common Mode Rejection Ratio
VCM = ±10V
65
dB
2, 3
75
dB
1
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
70
dB
2, 3
See (2)
75
dB
1
RL = 1KΩ
See (2)
70
dB
2, 3
AV
Large Signal Voltage Gain
See (2)
65
dB
1
RL = 100Ω
See (2)
60
dB
2, 3
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics. These parts may be dose rate
sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are specified only for the conditions as specified in Mil-Std-883, Method 1019.5, Condition A.
(2)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT =
±5V. For VS = ±5V, VOUT = ±1V.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM6172QML


Similar Part No. - 5962F9560401VPA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5962F9560401VPA NSC-5962F9560401VPA Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
5962F9560401VPA NSC-5962F9560401VPA Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
5962F9560401VPA TI-5962F9560401VPA Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
More results

Similar Description - 5962F9560401VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6172QML TI-LM6172QML_V01 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
logo
National Semiconductor ...
LM6172QML NSC-LM6172QML Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP NSC-LM6172QML-SP Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172_16 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172_14 Datasheet
1Mb / 25P
   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172IMX TI-LM6172IMX Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com