Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V245 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74V245
Description  DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74V245 Datasheet(HTML) 3 Page - Texas Instruments

  SN74V245 Datasheet HTML 1Page - Texas Instruments SN74V245 Datasheet HTML 2Page - Texas Instruments SN74V245 Datasheet HTML 3Page - Texas Instruments SN74V245 Datasheet HTML 4Page - Texas Instruments SN74V245 Datasheet HTML 5Page - Texas Instruments SN74V245 Datasheet HTML 6Page - Texas Instruments SN74V245 Datasheet HTML 7Page - Texas Instruments SN74V245 Datasheet HTML 8Page - Texas Instruments SN74V245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
PAG PACKAGE
(TOP VIEW)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Q14
Q13
GND
Q12
Q11
VCC
Q10
Q9
GND
Q8
Q7
Q6
Q5
GND
Q4
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
SN74V245-EP
www.ti.com
SCAS932A – DECEMBER 2012 – REVISED JANUARY 2013
DEVICE INFORMATION
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
D0–D17
1-16, 63, 64
I
Data inputs. Data inputs for an 18-bit bus.
Memory-empty/valid-data-available flag. In the standard mode, the EF function is selected.
EF/OR
54
O
EF indicates whether the FIFO memory is empty. In FWFT mode, the OR function is
selected. OR indicates whether there is valid data available at the outputs.
Memory-full/space-available flag. In the standard mode, the FF function is selected. FF
FF/IR
25
O
indicates whether the FIFO memory is full. In the FWFT mode, the IR function is selected. IR
indicates whether there is space available for writing to the FIFO memory.
Mode selection. In the single-device or width-expansion configuration, FL, together with WXI
and RXI, determines if the mode is standard mode or first-word fall-through (FWFT) mode,
FL
18
I
as well as whether the PAE/PAF flags are synchronous or asynchronous (see Table 5). In
the daisy-chain depth-expansion configuration, FL is grounded on the first device (first-load
device) and set to high for all other devices in the daisy chain.
30, 35, 40, 46, 51,
GND
Ground
55, 62
Read/write control. When LD is low, data on the inputs D0–D11 is written to the offset and
depth registers on the low-to-high transition of the WCLK, when WEN is low. When LD is
LD
59
I
low, data on the outputs Q0–Q11 is read from the offset and depth registers on the low-to-
high transition of RCLK when REN is low.
Output enable. When OE is low, the data output bus is active. If OE is high, the output data
OE
58
I
bus is in the high-impedance state.
Programable almost-empty flag. When PAE is low, the FIFO is almost empty, based on the
PAE
17
O
offset programmed into the FIFO. The default offset at reset is 127 from empty.
Programable almost-full flag. When PAF is low, the FIFO is almost full, based on the offset
PAF
23
O
programmed into the FIFO. The default offset at reset is 127 from full.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74V245-EP


Similar Part No. - SN74V245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V245 TI-SN74V245 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245 TI-SN74V245 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V245

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
7201LA35J IDT-7201LA35J Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com