Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V245-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74V245-EP
Description  DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74V245-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74V245-EP Datasheet HTML 6Page - Texas Instruments SN74V245-EP Datasheet HTML 7Page - Texas Instruments SN74V245-EP Datasheet HTML 8Page - Texas Instruments SN74V245-EP Datasheet HTML 9Page - Texas Instruments SN74V245-EP Datasheet HTML 10Page - Texas Instruments SN74V245-EP Datasheet HTML 11Page - Texas Instruments SN74V245-EP Datasheet HTML 12Page - Texas Instruments SN74V245-EP Datasheet HTML 13Page - Texas Instruments SN74V245-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
SN74V245-EP
SCAS932A – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
OUTPUT ENABLE (OE)
When OE is low, the parallel output buffers transmit data from the output register. When OE is high, the Q-output
data bus is in the high-impedance state.
LOAD (LD)
The SN74V245 contains two 12-bit offset registers with data on the inputs, or read on the outputs. When LD is
low and WEN is low, data on the inputs D0–D11 is written into the empty offset register on the first low-to-high
transition of the write clock (WCLK). When LD and WEN are held low, data is written into the full offset register
on the second low-to-high transition of WCLK (see Table 1, Table 2 and Table 3). The third transition of WCLK
again writes to the empty-offset register.
However, writing to all offset registers need not occur at one time. One or two offset registers can be written and
then, by bringing LD high, the FIFO is returned to normal read/write operation. When LD is low, and WEN is low,
the next offset register in sequence is written.
Table 1. Writing to Offset Registers
LD
WEN
WCLK
SELECTION(1)
Writing to offset registers:
L
L
Empty offset
Full offset
L
H
No operation
H
L
Write into FIFO
H
H
No operation
(1)
The same selection sequence applies to reading from the registers.
REN is enabled and read is performed on the low-to-high transition
of RCLK.
Table 2. Empty Offset Register Location and Default Values(1)
17
12 11
0
Empty Offset Register
Not used
Default value
007FH
(1)
Any bits of the offset register not being programmed should be set to zero.
Table 3. Full Offset Register Location and Default Values(1)
17
12 11
0
Full Offset Register
Not used
Default value
007FH
(1)
Any bits of the offset register not being programmed should be set to zero.
When LD is low and WEN is high, the WCLK input is disabled; then, a signal at this input can neither increment
the write-offset-register pointer, nor execute a write.
The contents of the offset registers can be read on the output lines when LD is low and REN is low; then, data
can be read on the low-to-high transition of RCLK. Reading the control registers employs a dedicated read-
offset-register pointer (the read and write pointers operate independently). Offset register content can be read out
in the standard mode only. It is inhibited in the FWFT mode.
A read from and a write to the offset registers should not be performed simultaneously.
FIRST LOAD (FL)
For the single-device mode, see Table 6 for additional information. In the daisy-chain depth-expansion
configuration, FL is grounded to indicate it is the first device loaded and is set high for all other devices in the
daisy chain (see Operating Configurations for further details).
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: SN74V245-EP


Similar Part No. - SN74V245-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-20PAG TI-SN74V245-20PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V245-EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
7201LA35J IDT-7201LA35J Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com