Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2625 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2625
Description  PWM TYPE 3-PHASE DC BRUSHLESS MOTOR CONTOROL IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2625 Datasheet(HTML) 6 Page - New Japan Radio

  NJM2625 Datasheet HTML 1Page - New Japan Radio NJM2625 Datasheet HTML 2Page - New Japan Radio NJM2625 Datasheet HTML 3Page - New Japan Radio NJM2625 Datasheet HTML 4Page - New Japan Radio NJM2625 Datasheet HTML 5Page - New Japan Radio NJM2625 Datasheet HTML 6Page - New Japan Radio NJM2625 Datasheet HTML 7Page - New Japan Radio NJM2625 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NJM2625
- 6 -
♦TYPICAL CHARACTERISTICS
Reference Voltage
vs. Reference Voltage Output Current
(V
+=12V,Ta=25 )
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
Reference Voltage Output Current Iref (mA)
Oscillate Frequency vs. Supply Voltage
(Ct=1000pF,Ta=25 )
25
25.5
26
26.5
27
27.5
28
5
10
15
20
Supply Voltage V
+ (V)
Reference Voltage vs. Supply Voltage
(Ta=25
)
0
2
4
6
8
0
4
8
12
16
20
Supply Voltage V
+ (V)
Supply Current vs. Supply Voltage
(Ct=1000pF,Verr=3V,RL=
,Ta=25
)
0
4
8
12
16
0
5
10
15
20
Supply Voltage V
+ (V)
Output1 vs. Output Current
(V
+=12V,Ct=1000pF,Verr=5.2V,Ta=25
)
6
7
8
9
10
11
12
0
100
200
300
400
500
Output Current Isource (mA)
WL
UH
Output Voltage 2 vs. Output Current
(V
+=12V,Ct=1000pF,Verr=5.2V,Ta=25
)
0
1
2
3
4
0
100
200
300
400
Output Current Isource (mA)
WL
UH
°c
°c
°c
°c
°c
°c


Similar Part No. - NJM2625

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2625A NJRC-NJM2625A Datasheet
133Kb / 5P
   3-Phase DC Brushless Motor Pre-Drivers Technical Information
More results

Similar Description - NJM2625

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4305 NJRC-NJW4305 Datasheet
157Kb / 1P
   PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
NJW4303 NJRC-NJW4303 Datasheet
345Kb / 28P
   PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
logo
Toshiba Semiconductor
TA7259P TOSHIBA-TA7259P_06 Datasheet
423Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
   3-Phase Brushless DC Motor Controller
Rev. D, 05-Apr-99
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
   3-Phase Brushless DC Motor Controller
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com