Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6142BIMX Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM6142BIMX
Description  17 MHz Rail-to-Rail Input-Output Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6142BIMX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM6142BIMX Datasheet HTML 6Page - Texas Instruments LM6142BIMX Datasheet HTML 7Page - Texas Instruments LM6142BIMX Datasheet HTML 8Page - Texas Instruments LM6142BIMX Datasheet HTML 9Page - Texas Instruments LM6142BIMX Datasheet HTML 10Page - Texas Instruments LM6142BIMX Datasheet HTML 11Page - Texas Instruments LM6142BIMX Datasheet HTML 12Page - Texas Instruments LM6142BIMX Datasheet HTML 13Page - Texas Instruments LM6142BIMX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LM6142, LM6144
SNOS726D – JUNE 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
TA = 25°C, RL = 10 kΩ Unless Otherwise Specified
Gain and Phase vs. Load
Gain and Phase vs. Load
Figure 22.
Figure 23.
Distortion + Noise vs. Frequency
GBW vs. Supply
Figure 24.
Figure 25.
Open Loop Gain vs. Load, 3V Supply
Open Loop Gain vs. Load, 5V Supply
Figure 26.
Figure 27.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM6142 LM6144


Similar Part No. - LM6142BIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6142BIMX TI-LM6142BIMX Datasheet
1Mb / 26P
[Old version datasheet]   LM6142/LM6144 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
More results

Similar Description - LM6142BIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6142BIMX TI-LM6142BIMX Datasheet
1Mb / 26P
[Old version datasheet]   LM6142/LM6144 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
logo
National Semiconductor ...
LM6142 NSC-LM6142 Datasheet
404Kb / 15P
   High Speed/Low Power 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Texas Instruments
TSV911 TI1-TSV911_V01 Datasheet
4Mb / 52P
[Old version datasheet]   TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com