Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5576MH Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5576MH
Description  LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5576MH Datasheet(HTML) 1 Page - Texas Instruments

  LM5576MH Datasheet HTML 1Page - Texas Instruments LM5576MH Datasheet HTML 2Page - Texas Instruments LM5576MH Datasheet HTML 3Page - Texas Instruments LM5576MH Datasheet HTML 4Page - Texas Instruments LM5576MH Datasheet HTML 5Page - Texas Instruments LM5576MH Datasheet HTML 6Page - Texas Instruments LM5576MH Datasheet HTML 7Page - Texas Instruments LM5576MH Datasheet HTML 8Page - Texas Instruments LM5576MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
BST
SW
COMP
FB
SS
RAMP
RT
VCC
VIN
OUT
IS
GND
LM5576
VIN
VOUT
SYNC
SD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5576, LM5576-Q1
SNVS447J – JANUARY 2007 – REVISED NOVEMBER 2014
LM5576/-Q1 SIMPLE SWITCHER® 75 V, 3 A Step-Down Switching Regulator
1
1 Features
1
LM5576-Q1 is an Automotive Grade Product that
is AEC-Q100 grade 1 Qualified (
−40°C to + 125°C
Operating Junction Temperature) and AEC-Q100
Grade 0 Qualified (
−40°C to + 150°C Operating
Junction Temperature)
Integrated 75 V, 170 m
Ω N-channel MOSFET
Ultra-Wide Input Voltage Range from 6 V to 75 V
Adjustable Output Voltage as Low as 1.225 V
1.5% (Q1) and 1.65% (Q0) Feedback Reference
Accuracy
Operating Frequency Adjustable Between 50 kHz
and 500 kHz with Single Resistor
Master or Slave Frequency Synchronization
Adjustable Soft-Start
Emulated Current Mode Control Architecture
Wide Bandwidth Error Amplifier
Built-in Protection
HTSSOP-20EP (Exposed Pad)
2 Applications
Automotive
Industrial
3 Description
The LM5576 is an easy to use SIMPLE SWITCHER®
buck regulator which allows design engineers to
design and optimize a robust power supply using a
minimum set of components. Operating with an input
voltage range of 6 - 75 V, the LM5576 delivers 3 A of
continuous output current with an integrated 170 m
N-Channel
MOSFET.
The
regulator
utilizes
an
Emulated Current Mode architecture which provides
inherent line regulation, tight load transient response,
and ease of loop compensation without the usual
limitation of low-duty cycles associated with current
mode
regulators.
The
operating
frequency
is
adjustable from 50 kHz to 500 kHz to allow
optimization of size and efficiency. To reduce EMI, a
frequency synchronization pin allows multiple ICs
from the LM(2)557x family to self-synchronize or to
synchronize to an external clock. The LM5576
ensures robustness with cycle-by-cycle current limit,
short-circuit
protection,
thermal
shut-down,
and
remote shut-down. The device is available in a power
enhanced
HTSSOP-20
package
featuring
an
exposed die attach pad for thermal dissipation. The
LM5576 is supported by the full suite of WEBENCH®
On-Line design tools.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5576
HTSSOP (20)
6.50 mm x 4.40 mm
LM5576-Q1
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Application Schematic


Similar Part No. - LM5576MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5576MH NSC-LM5576MH Datasheet
465Kb / 24P
   SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5576MH TI-LM5576MH Datasheet
1,022Kb / 30P
[Old version datasheet]   LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5576MH TI1-LM5576MH Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
LM5576MH/NOPB TI1-LM5576MH/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5576MHX NSC-LM5576MHX Datasheet
465Kb / 24P
   SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
More results

Similar Description - LM5576MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5576 TI-LM5576_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5576MHX TI-LM5576MHX Datasheet
1,022Kb / 30P
[Old version datasheet]   LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM5574MT TI-LM5574MT Datasheet
881Kb / 28P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com