Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5575Q0MH/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5575Q0MH/NOPB
Description  LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5575Q0MH/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5575Q0MH/NOPB Datasheet HTML 6Page - Texas Instruments LM5575Q0MH/NOPB Datasheet HTML 7Page - Texas Instruments LM5575Q0MH/NOPB Datasheet HTML 8Page - Texas Instruments LM5575Q0MH/NOPB Datasheet HTML 9Page - Texas Instruments LM5575Q0MH/NOPB Datasheet HTML 10Page - Texas Instruments LM5575Q0MH/NOPB Datasheet HTML 11Page - Texas Instruments LM5575Q0MH/NOPB Datasheet HTML 12Page - Texas Instruments LM5575Q0MH/NOPB Datasheet HTML 13Page - Texas Instruments LM5575Q0MH/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LM5575-Q1
SNOSB23C – OCTOBER 2008 – REVISED DECEMBER 2014
www.ti.com
Feature Description (continued)
An external set-point voltage divider from VIN to GND can be used to set the operational input range of the
regulator. The divider must be designed such that the voltage at the SD pin will be greater than 1.225 V when
VIN is in the desired operating range. The internal 5-µA pullup current source must be included in calculations of
the external set-point divider. Hysteresis of 0.1 V is included for both the shutdown and standby thresholds. The
SD pin is internally clamped with a 1-k
Ω resistor and an 8-V zener clamp. The voltage at the SD pin should
never exceed 14 V. If the voltage at the SD pin exceeds 8 V, the bias current will increase at a rate of 1 mA/V.
The SD pin can also be used to implement various remote enable and disable functions. Pulling the SD pin
below the 0.7-V threshold totally disables the controller. If the SD pin voltage is above 1.225 V, the regulator will
be operational.
8.3.2 Current Limit
The LM5575-Q1 contains a unique current monitoring scheme for control and overcurrent protection. When set
correctly, the emulated current sense signal provides a signal which is proportional to the buck switch current
with a scale factor of 1.0 V/A. The emulated ramp signal is applied to the current limit comparator. If the
emulated ramp signal exceeds 2.1 V (2.1 A) the present current cycle is terminated (cycle-by-cycle current
limiting). In applications with small output inductance and high-input voltage, the switch current may overshoot
due to the propagation delay of the current limit comparator. If an overshoot should occur, the diode current
sampling circuit will detect the excess inductor current during the off-time of the buck switch. If the sample and
hold DC level exceeds the 2.1-V current limit threshold, the buck switch will be disabled and skip pulses until the
diode current sampling circuit detects the inductor current has decayed below the current limit threshold. This
approach prevents current runaway conditions due to propagation delays or inductor saturation since the inductor
current is forced to decay following any current overshoot.
8.3.3 Soft-Start
The soft-start feature allows the regulator to gradually reach the initial steady-state operating point, thus reducing
start-up stresses and surges. The internal soft-start current source, set to 10 µA, gradually increases the voltage
of an external soft-start capacitor connected to the SS pin. The soft-start capacitor voltage is connected to the
reference input of the error amplifier. Various sequencing and tracking schemes can be implemented using
external circuits that limit or clamp the voltage level of the SS pin.
In the event a fault is detected (overtemperature, Vcc UVLO, SD) the soft-start capacitor will be discharged.
When the fault condition is no longer present, a new soft-start sequence will commence.
8.3.4 Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature is exceeded. When activated, typically at 180°C, the controller is forced into a low-power reset state,
disabling the output driver and the bias regulator. This feature is provided to prevent catastrophic failures from
accidental device overheating.
8.4 Device Functional Modes
8.4.1 High-Voltage Start-Up Regulator
The LM5575-Q1 contains a dual-mode internal high-voltage start-up regulator that provides the VCC bias supply
for the PWM controller and bootstrap MOSFET gate driver. The input pin (VIN) can be connected directly to the
input voltage, as high as 75 volts. For input voltages below 9 V, a low dropout switch connects VCC directly to
VIN. In this supply range, VCC is approximately equal to VIN. For VIN voltage greater than 9 V, the low-dropout
switch is disabled and the VCC regulator is enabled to maintain VCC at approximately 7 V. The wide operating
range of 6 V to 75 V is achieved through the use of this dual-mode regulator.
The output of the VCC regulator is current limited to 25 mA. Upon power-up, the regulator sources current into the
capacitor connected to the VCC pin. When the voltage at the VCC pin exceeds the VCC UVLO threshold of 5.35
V and the SD pin is greater than 1.225 V, the output switch is enabled and a soft-start sequence begins. The
output switch remains enabled until VCC falls below 5 V or the SD pin falls below 1.125 V.
10
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM5575-Q1


Similar Part No. - LM5575Q0MH/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5575Q0MH/NOPB TI1-LM5575Q0MH/NOPB Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5575Q0MH/NOPB TI1-LM5575Q0MH/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575Q0MH/NOPB TI1-LM5575Q0MH/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
More results

Similar Description - LM5575Q0MH/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5576 TI-LM5576_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM5574MT TI-LM5574MT Datasheet
881Kb / 28P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574 TI-LM5574_15 Datasheet
915Kb / 29P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com