Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5575-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5575-Q1
Description  LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5575-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5575-Q1 Datasheet HTML 5Page - Texas Instruments LM5575-Q1 Datasheet HTML 6Page - Texas Instruments LM5575-Q1 Datasheet HTML 7Page - Texas Instruments LM5575-Q1 Datasheet HTML 8Page - Texas Instruments LM5575-Q1 Datasheet HTML 9Page - Texas Instruments LM5575-Q1 Datasheet HTML 10Page - Texas Instruments LM5575-Q1 Datasheet HTML 11Page - Texas Instruments LM5575-Q1 Datasheet HTML 12Page - Texas Instruments LM5575-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
FB
SW
RT
VIN
BST
SD
5V
S
R
Q
Q
AGND
IS
CLK
+
SS
PRE
3
2
10
6
5
4
7
8
11
9
12
1
SD
Ir
LM5575
SHUTDOWN
STANDBY
7V
REGULATOR
SYNC
SYNC
OSCILLATOR
RAMP
OUT
PGND
CLK
CLK
COMP
ERROR
AMP
R3
21k
C3
470p
C11
330p
R7
10
C9
10
C10
120
R6
1.65k
R5
5.11k
L1
47 2H
C7
0.022
C8
0.47
D1
CMSH3-100
13
15
14
16
THERMAL
SHUTDOWN
UVLO
UVLO
CLK
DIS
VCC
LEVEL
SHIFT
DRIVER
1.225V
1.225V
0.7V
0.7V
R4
49.9k
C5
0.01
C6
open
R2
OPEN
C12
OPEN
C4
0.01
C2
1.0
C1
1.0
R1
OPEN
7V ± 75V
VIN
VIN
2.1V
PWM
C_LIMIT
10 2A
5 2A
VIN
TRACK
SAMPLE
and
HOLD
1V/A
RAMP GENERATOR
Ir = (10 2A x (VIN ± VOUT))
+ 50 2A
LM5575-Q1
www.ti.com
SNOSB23C – OCTOBER 2008 – REVISED DECEMBER 2014
8 Detailed Description
8.1 Overview
The LM5575-Q1 switching regulator features all of the functions necessary to implement an efficient high-voltage
buck regulator using a minimum of external components. This easy-to-use regulator integrates a 75-V N-Channel
buck switch with an output current capability of 1.5 Amps. The regulator control method is based on current
mode control utilizing an emulated current ramp. Peak current mode control provides inherent line voltage feed-
forward, cycle-by-cycle current limiting, and ease-of-loop compensation. The use of an emulated control ramp
reduces noise sensitivity of the pulse-width modulation circuit, allowing reliable processing of very small duty
cycles necessary in high-input voltage applications. The operating frequency is user programmable from 50 kHz
to 500 kHz. An oscillator synchronization pin allows multiple LM5575-Q1 regulators to self-synchronize or be
synchronized to an external clock. The output voltage can be set as low as 1.225 V. Fault protection features
include, current limiting, thermal shutdown and remote shutdown capability. The device is available in the
TSSOP-16 package featuring an exposed pad to aid thermal dissipation.
8.2 Functional Block Diagram
Figure 8. Typical Application Circuit and Block Diagram
The functional block diagram and typical application of the LM5575-Q1 are shown in Figure 8. The LM5575-Q1
can be applied in numerous applications to efficiently step-down a high, unregulated input voltage. The device is
well suited for telecom, industrial and automotive power bus voltage ranges.
8.3 Feature Description
8.3.1 Shutdown and Standby
The LM5575-Q1 contains a dual-level Shutdown (SD) circuit. When the SD pin voltage is below 0.7 V, the
regulator is in a low-current shutdown mode. When the SD pin voltage is greater than 0.7 V but less than 1.225
V, the regulator is in standby mode. In standby mode, the VCC regulator is active but the output switch is
disabled. When the SD pin voltage exceeds 1.225 V, the output switch is enabled and normal operation begins.
An internal 5-µA pullup current source configures the regulator to be fully operational if the SD pin is left open.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5575-Q1


Similar Part No. - LM5575-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
LM5575-Q1 TI-LM5575-Q1 Datasheet
994Kb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
More results

Similar Description - LM5575-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5576 TI-LM5576_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM5574MT TI-LM5574MT Datasheet
881Kb / 28P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574 TI-LM5574_15 Datasheet
915Kb / 29P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com