Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5112 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5112
Description  Tiny 7A MOSFET Gate Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5112 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5112 Datasheet HTML 2Page - Texas Instruments LM5112 Datasheet HTML 3Page - Texas Instruments LM5112 Datasheet HTML 4Page - Texas Instruments LM5112 Datasheet HTML 5Page - Texas Instruments LM5112 Datasheet HTML 6Page - Texas Instruments LM5112 Datasheet HTML 7Page - Texas Instruments LM5112 Datasheet HTML 8Page - Texas Instruments LM5112 Datasheet HTML 9Page - Texas Instruments LM5112 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1.7
2.0
2.3
2.6
2.9
3.2
-75 -50 -25
0
25 50 75 100 125 150 175
TEMPERATURE (°C)
0.150
0.210
0.270
0.330
0.450
0.390
VCC - falling
Hysteresis
VCC - rising
15
SUPPLY VOLTAGE (V)
SOURCE
5
7
9
11
13
0
1
2
3
4
5
6
7
8
SINK
TA = 25°C
VOUT = 5V
0.75
1.25
1.75
2.25
2.75
3.25
0
3
6
9
12
15
18
SUPPLY VOLTAGE (V)
15
25
45
55
65
35
ROH
ROL
TA = 25°C
IOUT = 10mA
17.5
20
22.5
25
27.5
30
32.5
35
-75 -50 -25
0
25 50 75 100 125 150 175
TEMPERATURE (°C)
tD2
tD1
VCC = 12V
CL = 2200pF
LM5112
SNVS234B – SEPTEMBER 2004 – REVISED APRIL 2006
www.ti.com
Typical Performance Characteristics (continued)
Delay Time
RDSON
vs
vs
Temperature
Supply Voltage
Figure 12.
Figure 13.
UVLO Thresholds and Hysteresis
Peak Current
vs
vs
Temperature
Supply Voltage
Figure 14.
Figure 15.
6
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM5112


Similar Part No. - LM5112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
logo
Texas Instruments
LM5112 TI-LM5112 Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
logo
National Semiconductor ...
LM5112-SD NSC-LM5112-SD Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
LM5112-SDX NSC-LM5112-SDX Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
More results

Similar Description - LM5112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
   Tiny 7A MOSFET Gate Driver
logo
Texas Instruments
LM5112SD TI1-LM5112SD Datasheet
940Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
[Old version datasheet]   Tiny 7A MOSFET Gate Driver
SM74101 TI-SM74101 Datasheet
1Mb / 23P
[Old version datasheet]   SM74101 Tiny 7A MOSFET Gate Driver
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
[Old version datasheet]   MOSFET Gate Driver
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
   MOSFET Gate Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Maxim Integrated Produc...
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com