Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52-PV9F2V0SS3K1 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV9F2V0SS3K1
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV9F2V0SS3K1 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV9F2V0SS3K1 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV9F2V0SS-3K1
1:1
4/17/2015
52-PV9F2V0SS3K1
A
MW
1
1
PANEL CUTOUT
MAX. PANEL THICKNESS 10mm
3
1
2
4
(+)
(+)
(-)
2
4
DPDT ON-(ON)
CONTACT CONFIGURATION
() DENOTES MOMENTARY
1
3
2
4
ORANGE
GREEN
+
-
1
3
4
2
A
21833
RELEASE FOR PRODUCTION
4/17/15
MW
38.80 .80
1.528 .031 in
[
]
28.50 .80
1.122 .031 in
[
]
19.5
[.768 in]
32.00
[1.260 in]
2.00
[.079 in]
M28x1.5
28.00
[1.102 in]
ACTUATOR:
STAINLESS STEEL
BODY:
STAINLESS STEEL
RING ILLUMINATION
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NOS. FOR REF. ONLY
4. FUNCTION: DPDT
5. RATING: 2A @ 48VDC
6. ILLUMINATION VOLTAGE: 1.8V FORWARD, 2.8V REVERSE
7. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
8. INSULATION RESISTANCE: 1,000M
@ 500VDC
9. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
10. ELECTRICAL LIFE: 50,000 CYCLES
11. OPERATING TEMPERATURE: -20 C TO 55 C
12. INGRESS PROTECTION: IP65
13. SUPPLIED HARDWARE: O-RING AND HEXNUT
13.
DENOTES CRITICAL PARAMETER
13. 2002/95/EC (ROHS) COMPLIANT
14. ILLUMINATION COLOR: ORANGE (FORWARD), GREEN (REVERSE)
POS. 1
POS. 2
SWITCH FUNCTION
1-2
3-4
7.0
[.276 in]
13.6
[.535 in]
16.80
[.661 in]
2.8
[.110 in]
3.0
[.118 in]
23.1
[.909 in]
37.10 .80
1.461 .031 in
[
]
17.50
[.689 in]
6.0
[.236 in]
12.2
[.480 in]
.50
[.020 in]


Similar Part No. - 52-PV9F2V0SS3K1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV9F2V0SS301 E-SWITCH-52-PV9F2V0SS301 Datasheet
162Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
52-PV9F2V0SS311 E-SWITCH-52-PV9F2V0SS311 Datasheet
220Kb / 1P
   SUPPLIED HARDWARE: O-RING AND HEXNUT
52-PV9F2V0SS331 E-SWITCH-52-PV9F2V0SS331 Datasheet
220Kb / 1P
   SUPPLIED HARDWARE: O-RING AND HEXNUT
52-PV9F2V0SS341 E-SWITCH-52-PV9F2V0SS341 Datasheet
220Kb / 1P
   SUPPLIED HARDWARE: O-RING AND HEXNUT
52-PV9F2V0SS351 E-SWITCH-52-PV9F2V0SS351 Datasheet
162Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - 52-PV9F2V0SS3K1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com