Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9V011 Datasheet(PDF) 5 Page - Micron Technology

Part No. MT9V011
Description  1/4-INCH VGA CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V011 Datasheet(HTML) 5 Page - Micron Technology

 
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
1/4-INCH VGA CMOS ACTIVE-PIXEL
DIGITAL IMAGE SENSOR
Preliminary
09005aef80c6407f
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V011_external_DS_2.fm - Rev. A 8/04 EN
5
©2004 Micron Technology, Inc.
Figure 1: Block Diagram
Figure 2: Typical Configuration (Connection)
APS Array
668H x 496V
Control Register
Analog Processing
Timing and Control
ADC
Serial
I/O
Data
Out
DOUT(9:0)
FRAME_VALID
LINE_VALID
PIXCLK
RESET_BAR
SDATA
SCLK
CLK_IN
SCAN_EN
OE_BAR
STANDBY
DGND
AGND
VDD
VAA
1.5K
10µF
1K
Master
Clock
Two-wire
serial bus


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn