Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MT9V011 Datasheet(PDF) 1 Page - Micron Technology

Part No. MT9V011
Description  1/4-INCH VGA CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V011 Datasheet(HTML) 1 Page - Micron Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PRODUCTS AND SPECIFICATIONS DISCUSSED HEREIN ARE FOR EVALUATION AND REFERENCE PURPOSES ONLY AND ARE SUBJECT TO CHANGE BY
MICRON WITHOUT NOTICE. PRODUCTS ARE ONLY WARRANTED BY MICRON TO MEET MICRON’S PRODUCTION DATA SHEET SPECIFICATIONS.
09005aef80c6407f
MT9V011_external_DS_1.fm - Rev. A 8/04 EN
1
©2004 Micron Technology, Inc.
1/4-INCH VGA CMOS ACTIVE-PIXEL
DIGITAL IMAGE SENSOR
Preliminary
1/4-INCH VGA CMOS
ACTIVE-PIXEL DIGITAL
IMAGE SENSOR
MT9V011
Micron Part Number: MT9V011P11ST
Features
• DigitalClarity™ CMOS Imaging Technology
• Ultra low-power, low cost CMOS image sensor
• Superior low-light performance
• Simple two-wire serial interface
• Auto black level calibration
• Window Size: VGA, programmable to any smaller
format (QVGA, CIF)
• Programmable Controls: Gain, frame rate, left-right
and up-down image reversal, window size and
panning
Applications
• Cellular phones
•PDAs
•PC Cameras
• Toys and other battery-powered products
Description
The Micron® Imaging MT9V011 is a VGA-format
with a 1/4-inch CMOS active-pixel digital image sen-
sor. The active imaging pixel array is 649H x 489V. It
incorporates sophisticated camera functions on-chip
such as windowing, column and row mirroring. It is
programmable through a simple two-wire serial bus
interface and has very low power consumption.
The MT9V011 features DigitalClarity, our break-
through, low-noise CMOS imaging technology that
achieves CCD image quality (based on signal-to-noise
ratio and low-light sensitivity) while maintaining the
inherent size, cost and integration advantages of
CMOS.
Table 1:
Key Performance Parameters
The sensor can be operated in its default mode or
programmed by the user for frame size, exposure, gain
setting, and other parameters. The default mode out-
puts a VGA-size image at 30 frames per second (fps).
An on-chip analog-to-digital converter (ADC) provides
10 bits per pixel. FRAME_VALID and LINE_VALID sig-
nals are output on dedicated pins, along with a pixel
clock which is synchronous with valid data.
PARAMETER
TYPICAL VALUE
Optical Format
1/4-inch (4:3)
Active Imager Size
3.58mm(H) x 2.688mm (V),
8.4mm Diagonal
Active Pixels
640H x 480V
Pixel Size
5.6um x 5.6um
Color Filter Array
RGB Bayer Pattern
Shutter Type
Electronic Rolling Shutter
(ERS)
Max. Data Rate/Master Clock
13.5 MPS/27 MHz
Frame
Rate
VGA (640x480)
30 fps at 27 MHz
CIF (352x288)
Programmable up to 60 fps
QVGA (320x240)
Programmable up to 90 fps
ADC Resolution
10-bit, on-chip
Responsivity
1.9 V/lux-sec (550nm)
Dynamic Range
60dB
SNRMAX
45dB
Supply Voltage
2.8V
±0.25V
Power Consumption
70mW at 2.8V, 20pF load,
27 MHz, 30 fps
Operating Temperature
-20°C to +60°C
Packaging
28-Pin PLCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn