Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MT9V011 Datasheet(PDF) 6 Page - Micron Technology

Part No. MT9V011
Description  1/4-INCH VGA CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo 

MT9V011 Datasheet(HTML) 6 Page - Micron Technology

Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
1/4-INCH VGA CMOS ACTIVE-PIXEL
DIGITAL IMAGE SENSOR
Preliminary
09005aef80c6407f
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9V011_external_DS_2.fm - Rev. A 8/04 EN
6
©2004 Micron Technology, Inc.
Figure 3: Pin Out Diagram - 28-Pin PLCC
CLK_IN
DOUT0
DOUT1
VDD
DGND
DOUT2
DOUT3
VAA
AGND
VAAPIX
SCAN_EN
RESET_BAR
STANDBY
NC
12
13
14
15
16
17
18
4
3
2
1
28
27
26
11 10
9
8
7
6
5
19 20 21 22 23 24
25
Table 2:
Pin Descriptions
PIN
NUMBER
NAME
TYPE
DESCRIPTION
12
VAA
Power
Analog Power (2.8V).
14
VAAPIX
Power
Pixel Power (2.8V).
1VDD
Power
Digital Power Supply (2.8V).
28
DGND
Ground
Digital Ground.
11,13
AGND
Ground
Analog Ground.
4
CLK_IN
Input
Master Clock into sensor (27 MHz maximum).
19
OE_BAR
Input
Output_Enable_Bar pin. When HIGH: disables the pixel data output drivers.
16
RESET_BAR
Input
Asynchronous reset of sensor when LOW. All registers assume factory
defaults.
15
SCAN_EN
Input
Tie to Digital Ground.
8
SCLK
Input
Serial Clock.
17
STANDBY
Input
When HIGH: disables the imager.
9
SDATA
Bi-directional
Serial Data I/O.
3DOUT0
Output
Pixel Data Output Bit 0, D0 (LSB).
2DOUT1
Output
Pixel Data Output Bit 1, D1.
27
DOUT2
Output
Pixel Data Output Bit 2, D2.
26
DOUT3
Output
Pixel Data Output Bit 3, D3.
25
DOUT4
Output
Pixel Data Output Bit 4, D4.
24
DOUT5
Output
Pixel Data Output Bit 5, D5.
23
DOUT6
Output
Pixel Data Output Bit 6, D6.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn