Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC555CMX Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555CMX
Description  CMOS Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC555CMX Datasheet(HTML) 1 Page - Texas Instruments

  LMC555CMX Datasheet HTML 1Page - Texas Instruments LMC555CMX Datasheet HTML 2Page - Texas Instruments LMC555CMX Datasheet HTML 3Page - Texas Instruments LMC555CMX Datasheet HTML 4Page - Texas Instruments LMC555CMX Datasheet HTML 5Page - Texas Instruments LMC555CMX Datasheet HTML 6Page - Texas Instruments LMC555CMX Datasheet HTML 7Page - Texas Instruments LMC555CMX Datasheet HTML 8Page - Texas Instruments LMC555CMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMC555
SNAS558M – FEBRUARY 2000 – REVISED JULY 2016
LMC555 CMOS Timer
1
1 Features
1
Industry's Fastest Astable Frequency of 3 MHz
Available in Industry's Smallest 8-Bump DSBGA
Package (1.43mm × 1.41mm)
Less Than 1 mW Typical Power Dissipation at 5 V
Supply
1.5 V Supply Operating Voltage Ensured
Output Fully Compatible With TTL and CMOS
Logic at 5 V Supply
Tested to
−10 mA, 50 mA Output Current Levels
Reduced Supply Current Spikes During Output
Transitions
Extremely Low Reset, Trigger, and Threshold
Currents
Excellent Temperature Stability
Pin-for-Pin Compatible With 555 Series of Timers
2 Applications
Precision Timing
Pulse Generation
Sequential Timing
Time Delay Generation
Pulse Width Modulation
Pulse Position Modulation
Linear Ramp Generators
3 Description
The LMC555 device is a CMOS version of the
industry standard 555 series general-purpose timers.
In addition to the standard package (SOIC, VSSSOP,
and PDIP) the LMC555 is also available in a chip-
sized package (8-bump DSBGA) using TI's DSBGA
package technology. The LMC555 offers the same
capability of generating accurate time delays and
frequencies as the LM555 but with much lower power
dissipation and supply current spikes. When operated
as a one-shot, the time delay is precisely controlled
by a single external resistor and capacitor. In the
astable mode the oscillation frequency and duty cycle
are accurately set by two external resistors and one
capacitor. The use of TI's LMCMOS process extends
both the frequency range and the low supply
capability.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMC555
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
PDIP (8)
9.81 mm × 6.35 mm
DSBGA (8)
1.43 mm × 1.41 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Pulse Width Modulator
Pulse Width Modulator Waveform:
Top Waveform - Modulation
Bottom Waveform - Output Voltage


Similar Part No. - LMC555CMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555CMX NSC-LMC555CMX Datasheet
318Kb / 12P
   CMOS Timer
LMC555CMX NSC-LMC555CMX Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555CMX TI-LMC555CMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
LMC555CMX/NOPB TI-LMC555CMX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
logo
Analog Technologies, In...
LMC555CMX/NOPBCT-ND ANALOGTECHNOLOGIES-LMC555CMX/NOPBCT-ND Datasheet
1Mb / 21P
   MagI3C Power Modules DNS003 Current-sharing with MagI쨀C Power Modules
V1.0
More results

Similar Description - LMC555CMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
   CMOS Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
   CMOS Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
   CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com