Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6001AMDC Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6001AMDC
Description  Ultra, Ultra-Low Input Current Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6001AMDC Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC6001AMDC Datasheet HTML 5Page - Texas Instruments LMC6001AMDC Datasheet HTML 6Page - Texas Instruments LMC6001AMDC Datasheet HTML 7Page - Texas Instruments LMC6001AMDC Datasheet HTML 8Page - Texas Instruments LMC6001AMDC Datasheet HTML 9Page - Texas Instruments LMC6001AMDC Datasheet HTML 10Page - Texas Instruments LMC6001AMDC Datasheet HTML 11Page - Texas Instruments LMC6001AMDC Datasheet HTML 12Page - Texas Instruments LMC6001AMDC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LMC6001
www.ti.com
SNOS694I – MARCH 1995 – REVISED SEPTEMBER 2015
6.8 AC Electrical Characteristics for LMC6001AIC
Limits in standard typeface ensured for TJ = 25°C unless otherwise specified. Unless otherwise specified, V
+ = 5 V, V= 0 V,
VCM = 1.5 V and RL > 1 M.
LMC6001AIC
PARAMETER
TEST CONDITIONS
UNIT
MIN(1)
TYP(2)
MAX(1)
0.8
1.5
SR
Slew Rate
See (3)
V/
μs
At the temperature
0.6
extremes
GBW
Gain-Bandwidth Product
1.3
MHz
φfm
Phase Margin
50
Deg
GM
Gain Margin
17
dB
Input-Referred Voltage
en
F = 1 kHz
22
nV/
√Hz
Noise
Input-Referred Current
in
F = 1 kHz
0.13
fA/
√Hz
Noise
F = 10 kHz, AV = −10,
THD
Total Harmonic Distortion
RL = 100 kΩ,
0.01%
VO = 8 VPP
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
V+ = 15 V. Connected as Voltage Follower with 10-V step input. Limit specified is the lower of the positive and negative slew rates.
6.9 AC Electrical Characteristics for LM6001BI
Limits in standard typeface ensured for TJ = 25°C unless otherwise specified. Unless otherwise specified, V
+ = 5 V, V= 0 V,
VCM = 1.5 V and RL > 1 M.
LM6001BI
PARAMETER
TEST CONDITIONS
UNIT
MIN(1)
TYP(2)
MAX(1)
0.8
1.5
SR
Slew Rate
See (3)
V/
μs
At the temperature
0.6
extremes
GBW
Gain-Bandwidth Product
1.3
MHz
φfm
Phase Margin
50
Deg
GM
Gain Margin
17
dB
en
Input-Referred Voltage Noise F = 1 kHz
22
nV/
√Hz
in
Input-Referred Current Noise
F = 1 kHz
0.13
fA/
√Hz
F = 10 kHz, AV = −10,
THD
Total Harmonic Distortion
RL = 100 kΩ,
0.01%
VO = 8 VPP
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
V+ = 15 V. Connected as Voltage Follower with 10-V step input. Limit specified is the lower of the positive and negative slew rates.
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC6001


Similar Part No. - LMC6001AMDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6001AMDC TI1-LMC6001AMDC Datasheet
527Kb / 18P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
More results

Similar Description - LMC6001AMDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
   Ultra Ultra-Low Input Current Amplifier
logo
Texas Instruments
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA116 BURR-BROWN-INA116 Datasheet
246Kb / 9P
   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
LCA-20K-200M ETC2-LCA-20K-200M Datasheet
262Kb / 3P
   Ultra-Low-Noise Current Amplifier
logo
EUROQUARTZ limited
EM64K EUROQUARTZ-EM64K Datasheet
121Kb / 1P
   ULTRA-LOW CURRENT
EM44K EUROQUARTZ-EM44K Datasheet
106Kb / 1P
   ULTRA-LOW CURRENT
EM8K EUROQUARTZ-EM8K Datasheet
100Kb / 1P
   ULTRA-LOW CURRENT
EM57K EUROQUARTZ-EM57K Datasheet
136Kb / 1P
   ULTRA-LOW CURRENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com