Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC555 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555
Description  CMOS Timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC555 Datasheet(HTML) 5 Page - Texas Instruments

  LMC555 Datasheet HTML 1Page - Texas Instruments LMC555 Datasheet HTML 2Page - Texas Instruments LMC555 Datasheet HTML 3Page - Texas Instruments LMC555 Datasheet HTML 4Page - Texas Instruments LMC555 Datasheet HTML 5Page - Texas Instruments LMC555 Datasheet HTML 6Page - Texas Instruments LMC555 Datasheet HTML 7Page - Texas Instruments LMC555 Datasheet HTML 8Page - Texas Instruments LMC555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LMC555
www.ti.com
SNAS558M – FEBRUARY 2000 – REVISED JULY 2016
Product Folder Links: LMC555
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
If the RESET pin is to be used at temperatures of
−20°C and below VS is required to be 2.0 V or greater.
6.5 Electrical Characteristics
Test Circuit, T = 25°C, all switches open, RESET to VS unless otherwise noted
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Supply Current
VS = 1.5 V
VS = 5 V
VS = 12 V
50
100
150
150
250
400
µA
VCTRL
Control Voltage
VS = 1.5 V
VS = 5 V
VS = 12 V
0.8
2.9
7.4
1.0
3.3
8.0
1.2
3.8
8.6
V
VDIS
Discharge Saturation Voltage
VS = 1.5 V, IDIS = 1 mA
VS = 5 V, IDIS = 10 mA
75
150
150
300
mV
VOL
Output Voltage (Low)
VS = 1.5 V, IO = 1 mA
VS = 5 V, IO = 8 mA
VS = 12 V, IO = 50 mA
0.2
0.3
1.0
0.4
0.6
2.0
V
VOH
Output Voltage
(High)
VS = 1.5 V, IO = −0.25 mA
VS = 5 V, IO = −2 mA
VS = 12 V, IO = −10 mA
1.0
4.4
10.5
1.25
4.7
11.3
V
VTRIG
Trigger Voltage
VS = 1.5V
VS = 12V
0.4
3.7
0.5
4.0
0.6
4.3
V
ITRIG
Trigger Current
VS = 5V
10
pA
VRES
Reset Voltage
VS = 1.5 V
(2)
VS = 12 V
0.4
0.4
0.7
0.75
1.0
1.1
V
IRES
Reset Current
VS = 5 V
10
pA
ITHRESH
Threshold Current
VS = 5 V
10
pA
IDIS
Discharge Leakage
VS = 12 V
1.0
100
nA
t
Timing Accuracy
SW 2, 4 Closed
VS = 1.5 V
VS = 5 V
VS = 12 V
0.9
1.0
1.0
1.1
1.1
1.1
1.25
1.20
1.25
ms
Δt/ΔVS
Timing Shift with Supply
VS = 5V ± 1 V
0.3%
V
Δt/ΔT
Timing Shift with Temperature
VS = 5 V
75
ppm/°C
fA
Astable Frequency
SW 1, 3 Closed, VS = 12 V
4.0
4.8
5.6
kHz
fMAX
Maximum Frequency
Max. Freq. Test Circuit, VS = 5 V
3.0
MHz
tR, tF
Output Rise and
Fall Times
Max. Freq. Test Circuit
VS = 5V, CL = 10 pF
15
ns
tPD
Trigger Propagation Delay
VS = 5 V, Measure Delay
from Trigger to Output
100
ns


Similar Part No. - LMC555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
LMC555 NSC-LMC555 Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
logo
National Semiconductor ...
LMC555CBP NSC-LMC555CBP Datasheet
318Kb / 12P
   CMOS Timer
LMC555CBP NSC-LMC555CBP Datasheet
772Kb / 12P
   CMOS Timer
More results

Similar Description - LMC555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
   CMOS Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
   CMOS Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
[Old version datasheet]   LMC555 CMOS Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
   CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com