Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM98640W-MPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM98640W-MPR
Description  Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98640W-MPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM98640W-MPR Datasheet HTML 3Page - Texas Instruments LM98640W-MPR Datasheet HTML 4Page - Texas Instruments LM98640W-MPR Datasheet HTML 5Page - Texas Instruments LM98640W-MPR Datasheet HTML 6Page - Texas Instruments LM98640W-MPR Datasheet HTML 7Page - Texas Instruments LM98640W-MPR Datasheet HTML 8Page - Texas Instruments LM98640W-MPR Datasheet HTML 9Page - Texas Instruments LM98640W-MPR Datasheet HTML 10Page - Texas Instruments LM98640W-MPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
LM98640QML-SP
www.ti.com
SNAS461D – MAY 2010 – REVISED SEPTEMBER 2015
6.4 Thermal Information
(1)
NBB0068D
THERMAL METRIC(2)
UNIT
PINS
RθJA
11.1, (225 LFPM)
Junction-to-ambient thermal resistance
16.5, (0 LFPM)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.2
(1)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX – TA)/θJA. The values for maximum power dissipation
listed above will be reached only when the device is operated in a severe fault condition (e.g. when input or output pins are driven
beyond the power supply voltages, or the power supply polarity is reversed). Such conditions should always be avoided.
(2)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Quality Conformance Inspection
MIL-STD-883, Method 5005 - Group A
SUBGROUP
DESCRIPTION
TEMP (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Setting time at
+25
13
Setting time at
+125
14
Setting time at
-55
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM98640QML-SP


Similar Part No. - LM98640W-MPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640W-MPR TI1-LM98640W-MPR Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640W-MPR TI1-LM98640W-MPR Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
More results

Similar Description - LM98640W-MPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
logo
Analog Devices
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com