Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM98640W-MLS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM98640W-MLS
Description  Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98640W-MLS Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM98640W-MLS Datasheet HTML 6Page - Texas Instruments LM98640W-MLS Datasheet HTML 7Page - Texas Instruments LM98640W-MLS Datasheet HTML 8Page - Texas Instruments LM98640W-MLS Datasheet HTML 9Page - Texas Instruments LM98640W-MLS Datasheet HTML 10Page - Texas Instruments LM98640W-MLS Datasheet HTML 11Page - Texas Instruments LM98640W-MLS Datasheet HTML 12Page - Texas Instruments LM98640W-MLS Datasheet HTML 13Page - Texas Instruments LM98640W-MLS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
LM98640QML-SP
SNAS461D – MAY 2010 – REVISED SEPTEMBER 2015
www.ti.com
LM98640QML Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VDD33 = 3.3V, VDD18 = 1.8V, CL = 10pF, and fINCLK = 40MHz unless otherwise
specified.
SUB-
PARAMETER
TEST CONDITIONS
NOTES
MIN TYP(3)
MAX UNIT
GROUPS
POWER SUPPLY SPECIFICATIONS (see Power Trimming section for PGA and ADC Power Trimming register settings)
Powerdown Control Reg
= 0x00
VDD33 Analog Supply Current
5 MHz
51.5
58
Dual Channel
Power optimized for
15 MHz
61.3
69
1, 2, 3
mA
PGA Gain = 1-4x
25 MHz
69.6
79
40 MHz
87.6
98
Powerdown Control Reg
= 0x00
VDD33 Analog Supply Current
5 MHz
51.5
58
Dual Channel
Power optimized for
15 MHz
61.3
68
1, 2, 3
mA
PGA Gain = 1-8x
25 MHz
72.9
82
40 MHz
91.3
103
Powerdown Control Reg
= 0x15 (CH1 PD) or
IA
= 0x2A (CH2 PD)
VDD33 Analog Supply Current
Single Channel
5 MHz
29.5
35
Power optimized for
15 MHz
36.1
42
PGA Gain = 1-4x
1, 2, 3
mA
25 MHz
42
47
40 MHz
53.7
60
Powerdown Control Reg
= 0x15 (CH1 PD) or
= 0x2A (CH2 PD)
VDD33 Analog Supply Current
Single Channel
5 MHz
29.5
35
Power optimized for
15 MHz
36.1
42
PGA Gain = 1-8x
1, 2, 3
mA
25 MHz
43.8
50
40 MHz
55.6
64
VDD33 Analog Supply Current
Powerdown Control Reg
1, 2, 3
2.85
3.85
mA
Powerdown
= 0x80
5 MHz
36
VDD18 Digital Supply Current
15 MHz
39
LVDS Quad Lane Mode
mA
LVDS Output Mode Reg
25 MHz
42
= 0x0E
40 MHz
45
5 MHz
23.5
29
ID
15 MHz
25.5
31
VDD18 Digital Supply Current
1, 2, 3
mA
25 MHz
27.5
33
40 MHz
30.5
37
VDD18 Digital Supply Current
Powerdown Control
1, 2, 3
1.2
3.0
mA
Powerdown
Reg = 0x80
5 MHz
212
244
Average Power Dissipation
Power optimized for
15 MHz
250
284
PGA Gain = 1-4x
1, 2, 3
mW
25 MHz
280
320
Dual Channel
LVDS Dual Lane Mode
40 MHz
345
390
PWR
5 MHz
212
244
Average Power Dissipation
Power optimized for
15 MHz
250
284
PGA Gain = 1-8x
1, 2, 3
mW
25 MHz
290
330
Dual Channel
LVDS Dual Lane Mode
40 MHz
356
407
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM98640QML-SP


Similar Part No. - LM98640W-MLS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640W-MLS TI1-LM98640W-MLS Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640W-MLS TI1-LM98640W-MLS Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
More results

Similar Description - LM98640W-MLS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
logo
Analog Devices
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com