Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM98640QML-SP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM98640QML-SP
Description  Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98640QML-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM98640QML-SP Datasheet HTML 4Page - Texas Instruments LM98640QML-SP Datasheet HTML 5Page - Texas Instruments LM98640QML-SP Datasheet HTML 6Page - Texas Instruments LM98640QML-SP Datasheet HTML 7Page - Texas Instruments LM98640QML-SP Datasheet HTML 8Page - Texas Instruments LM98640QML-SP Datasheet HTML 9Page - Texas Instruments LM98640QML-SP Datasheet HTML 10Page - Texas Instruments LM98640QML-SP Datasheet HTML 11Page - Texas Instruments LM98640QML-SP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
V
A
AGND
To Internal Circuitry
I/O
LM98640QML-SP
SNAS461D – MAY 2010 – REVISED SEPTEMBER 2015
www.ti.com
6.6 LM98640QML Electrical Characteristics
(1) (2)
The following specifications apply for VDD33 = 3.3V, VDD18 = 1.8V, CL = 10pF, and fINCLK = 40MHz unless otherwise
specified.
SUB-
PARAMETER
TEST CONDITIONS
NOTES
MIN TYP(3)
MAX UNIT
GROUPS
CMOS DIGITAL INPUT DC SPECIFICATIONS (SCLK, SEN, SDI, CLPIN)
VIH
Logical “1” Input Voltage
1, 2, 3
2.0
V
VIL
Logical “0” Input Voltage
1, 2, 3
0.8
V
CLPIN
70
100
μA
Logical “1” Input Current
IIH
SCLK, SDI
1, 2, 3
40
300
nA
VIH = VDD33
SEN
0.2
6
μA
CLPIN
-300
-85
nA
Logical “0” Input Current
IIL
SCLK, SDI
1, 2, 3
-300
-50
nA
VIL = VSS
SEN
-100
-70
μA
CMOS DIGITAL OUTPUT DC SPECIFICATIONS (SDO)
VOH
Logical "1" Output Voltage
IOUT = -0.5 mA
1, 2, 3
1.8
1.93
V
VOL
Logical "0" Output Voltage
IOUT = 1.6 mA
1, 2, 3
0.05
0.2
V
IOH
Output Leakage Current
VOUT = VDD
1, 2, 3
20
50
nA
IOL
Output Leakage Current
VOUT = VSS
1, 2, 3
-50
-20
nA
LVDS CLOCK RECEIVER DC SPECIFICATIONS (INCLK+ and INCLK- Pins)
Differential LVDS Clock
RL = 100 Ω
VIHL
1, 2, 3
100
250
mV
VCM (LVDS Input Common
High Threshold Voltage
Mode Voltage) = 1.25V
Differential LVDS Clock
RL = 100
VILL
1, 2, 3
-250
-100
mV
VCM (LVDS Input Common
Low Threshold Voltage
Mode Voltage) = 1.25V
Diffferential LVDS Clock Input
IIHL
VIH = VDD33
1, 2, 3
70
100
μA
Current
Diffferential LVDS Clock Input
IILL
VIL = VSS
1, 2, 3
-49
-34
μA
Current
(1)
The analog inputs are protected as shown below. Input voltage magnitudes beyond the supply rails will not damage the device, provided
the current is limited per Note 2 under the LM98640QML Electrical Characteristics. However, input errors will be generated If the input
goes above VDD33 and below VSS.
(2)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < VSS or VIN > VDD33), the current at that pin should be
limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can simultaneously safely exceed the
power supplies with an input current of 25 mA to two.
(3)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM98640QML-SP


Similar Part No. - LM98640QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640QML-SP TI1-LM98640QML-SP Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
More results

Similar Description - LM98640QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
logo
Analog Devices
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com