Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM98640 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM98640
Description  Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM98640 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM98640 Datasheet HTML 5Page - Texas Instruments LM98640 Datasheet HTML 6Page - Texas Instruments LM98640 Datasheet HTML 7Page - Texas Instruments LM98640 Datasheet HTML 8Page - Texas Instruments LM98640 Datasheet HTML 9Page - Texas Instruments LM98640 Datasheet HTML 10Page - Texas Instruments LM98640 Datasheet HTML 11Page - Texas Instruments LM98640 Datasheet HTML 12Page - Texas Instruments LM98640 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
LM98640
www.ti.com
SNAS596A – JUNE 2012 – REVISED MAY 2013
LM98640 Electrical Characteristics
(1) (continued)
The following specifications apply for VDD33 = 3.3V, VDD18 = 1.8V, CL = 10 pF, and fINCLK = 40 MHz unless otherwise
specified. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical(2)
Min
Max
Units
Power Supply Specifications
Powerdown Control Reg
= 0x00
(see Power Trimming section for
PGA and ADC Power Trimming
register settings)
5 MHz
51.5
15 MHz
61.3
mA
25 MHz
69.6
40 MHz
87.6
Powerdown Control Reg
= 0x00
(see Power Trimming section for
PGA and ADC Power Trimming
VDD33 Analog Supply Current
register settings)
Dual Channel
Power optimized for
5 MHz
51.5
PGA Gain = 1-8x
15 MHz
61.3
mA
25 MHz
72.9
40 MHz
91.3
103
Powerdown Control Reg
= 0x15 (CH1 PD) or
IA
= 0x2A (CH2 PD)
(see Power Trimming section for
PGA and ADC Power Trimming
register settings)
5 MHz
29.5
15 MHz
36.1
mA
25 MHz
42
40 MHz
53.7
Powerdown Control Reg
= 0x15 (CH1 PD) or
= 0x2A (CH2 PD)
(see Power Trimming section for
VDD33 Analog Supply Current
PGA and ADC Power Trimming
Single Channel
register settings)
Power optimized for
5 MHz
29.5
PGA Gain = 1-8x
15 MHz
36.1
mA
25 MHz
43.8
40 MHz
55.6
64
VDD33 Analog Supply Current
Powerdown Control Reg
2.85
3.85
mA
Powerdown
= 0x80
5 MHz
36
VDD18 Digital Supply Current
15 MHz
39
LVDS Quad Lane Mode
mA
LVDS Output Mode Reg
25 MHz
42
= 0x0E
40 MHz
45
5 MHz
23.5
ID
15 MHz
25.5
VDD18 Digital Supply Current
mA
25 MHz
27.5
40 MHz
30.5
37
VDD18 Digital Supply Current
Powerdown Control
1.2
3.0
mA
Powerdown
Reg = 0x80
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM98640


Similar Part No. - LM98640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CILQ TI1-LM98640CILQ Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CVAL TI1-LM98640CVAL Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CVAL TI1-LM98640CVAL Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
More results

Similar Description - LM98640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
logo
Analog Devices
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com