Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM96511 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM96511
Description  Ultrasound Receive Analog Front End
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96511 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM96511 Datasheet HTML 3Page - Texas Instruments LM96511 Datasheet HTML 4Page - Texas Instruments LM96511 Datasheet HTML 5Page - Texas Instruments LM96511 Datasheet HTML 6Page - Texas Instruments LM96511 Datasheet HTML 7Page - Texas Instruments LM96511 Datasheet HTML 8Page - Texas Instruments LM96511 Datasheet HTML 9Page - Texas Instruments LM96511 Datasheet HTML 10Page - Texas Instruments LM96511 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
LM96511
www.ti.com
SNAS476H – MAY 2010 – REVISED MAY 2013
2
DEVICE INFORMATION
2.1
KEY SPECIFICATIONS
VALUE
UNIT
(Full path unless noted)
B-Mode:
Total Input Voltage Noise (RTI)
0.9 nV/vHz
Max AFE Gain
58
dB
Single-Ended Input Swing
500mVpp
Programmable Maximum DVGA Attenuation
38, 36, 34, 32
dB
Programmable Post Amp Gain
31 or 38
dB
Attenuator Step Resolution
0.05 or 0.1
dB
ADC Resolution
12
bits
Conversion Rate (ADC CLK)
40
MSPS
ADC Digital Filter stop band attenuation
72
dB
ADC Digital Filter Passband Ripple
± 0.01
dB
ADC Instant Overload Recovery
1 ADC Clock Period
Power Consumption (per channel)
110 mW
CW Doppler Mode:
Phase Rotation Resolution
22.5 degrees
Phase Noise (Per Channel, Offset = 5KHz)
-144 dBc/Hz
Dynamic Range
-161 dB/Hz
Amplitude Quadrature Error (I to Q)
± 0.04
dB
Phase Quadrature Error (I to Q)
± 0.10°
Power Consumption (Per Channel)
208 mW
Common Specifications:
LNA Input Voltage Noise
0.82 nV/vHz
Operating temp. Range
0 to +70°C
Copyright © 2010–2013, Texas Instruments Incorporated
DEVICE INFORMATION
7
Submit Documentation Feedback
Product Folder Links: LM96511


Similar Part No. - LM96511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
LM96511CCSMNOPB TI1-LM96511CCSMNOPB Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
More results

Similar Description - LM96511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
AFE5808A TI1-AFE5808A_15 Datasheet
1Mb / 83P
[Old version datasheet]   Ultrasound Analog Front-End
logo
Analog Devices
AD9674 AD-AD9674_17 Datasheet
963Kb / 48P
   Octal Ultrasound Analog Front End
logo
Texas Instruments
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
logo
Maxim Integrated Produc...
MAX2077 MAXIM-MAX2077 Datasheet
1Mb / 19P
   Octal-Channel Ultrasound Front-End
Rev 0; 7/09
MAX2077 MAXIM-MAX2077_V01 Datasheet
1Mb / 19P
   Octal-Channel Ultrasound Front-End
19-4696; Rev 2; 5/19
MAX2078 MAXIM-MAX2078_V01 Datasheet
1Mb / 26P
   Octal-Channel Ultrasound Front-End v
19-4570; Rev 4; 6/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com